Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4887PS Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 24Page - NXP Semiconductors TDA4887PS Datasheet HTML 25Page - NXP Semiconductors TDA4887PS Datasheet HTML 26Page - NXP Semiconductors TDA4887PS Datasheet HTML 27Page - NXP Semiconductors TDA4887PS Datasheet HTML 28Page - NXP Semiconductors TDA4887PS Datasheet HTML 29Page - NXP Semiconductors TDA4887PS Datasheet HTML 30Page - NXP Semiconductors TDA4887PS Datasheet HTML 31Page - NXP Semiconductors TDA4887PS Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
2001 Oct 19
28
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
MHB945
contrast control data byte
colour signal
amplitude
with respect to
maximum colour
signal amplitude
(dB)
(1)
(2)
(3)
0
−45
00H
20H
40H
60H
80H
A0H
C0H
E0H
FFH
−6
−12
−3
contrast
modulation
range
Fig.8 Contrast control characteristic with subcontrast, limiting or contrast modulation.
(1) No contrast reduction.
(2) Partial contrast reduction by subcontrast, limiting or contrast modulation.
(3) Full contrast reduction by subcontrast, limiting or contrast modulation.
handbook, full pagewidth
MHB946
OSD contrast control data byte
OSD signal
amplitude
with respect to
maximum colour
signal amplitude
(%)
00H
0FH
(1)
(2)
(3)
maximum colour signal amplitude
maximum OSD signal amplitude
96
24
Fig.9 OSD contrast control characteristic with subcontrast, limiting or contrast modulation.
(1) No OSD contrast reduction.
(2) Partial OSD contrast reduction by subcontrast, limiting or contrast modulation.
(3) Full OSD contrast reduction by subcontrast, limiting or contrast modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com