Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4887PS Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 26Page - NXP Semiconductors TDA4887PS Datasheet HTML 27Page - NXP Semiconductors TDA4887PS Datasheet HTML 28Page - NXP Semiconductors TDA4887PS Datasheet HTML 29Page - NXP Semiconductors TDA4887PS Datasheet HTML 30Page - NXP Semiconductors TDA4887PS Datasheet HTML 31Page - NXP Semiconductors TDA4887PS Datasheet HTML 32Page - NXP Semiconductors TDA4887PS Datasheet HTML 33Page - NXP Semiconductors TDA4887PS Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
2001 Oct 19
30
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
00H
20H
40H
60H
80H
A0H
C0H
E0H
FFH
3.95
5.75
(1)
4.35
2.55
0
(2)
internal feedback
reference voltage
(V)
negative feedback reference data byte
MHB949
brightness control;
8-bit DAC subaddress 01H
Fig.12 Internal feedback reference voltages for negative feedback (FPOL = 0).
(1) Control bit BRI = 0 or control bit BRI = 1 and minimum brightness setting (subaddress 01H at 00H).
(2) Control bit BRI = 1 and maximum brightness setting (subaddress 01H at FFH).
handbook, full pagewidth
MHB950
0
internal feedback
reference voltage
(V)
positive feedback reference data byte
0.53
01H
02H
04H
05H
06H
07H
03H
1.70
1.50
1.31
1.11
0.92
0.72
1.89
Fig.13 Internal feedback reference voltages for positive feedback (FPOL = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com