Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6503 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA6503
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA6503 Datasheet HTML 4Page - NXP Semiconductors TDA6503 Datasheet HTML 5Page - NXP Semiconductors TDA6503 Datasheet HTML 6Page - NXP Semiconductors TDA6503 Datasheet HTML 7Page - NXP Semiconductors TDA6503 Datasheet HTML 8Page - NXP Semiconductors TDA6503 Datasheet HTML 9Page - NXP Semiconductors TDA6503 Datasheet HTML 10Page - NXP Semiconductors TDA6503 Datasheet HTML 11Page - NXP Semiconductors TDA6503 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
2000 Mar 16
8
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
FMST
SW
CE/AS
DA
CL
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
OSCGND
VHFOSCIB
VHFOSCOC
GND
IFOUT
VCC
XTAL
VT
CP
LOCK/ADC
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6502
TDA6502A
FCE570
Fig.2
Pin configuration for TDA6502 and
TDA6502A.
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
FMST
SW
CE/AS
DA
CL
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
OSCGND
VHFOSCIB
VHFOSCOC
GND
IFOUT
VCC
XTAL
VT
CP
LOCK/ADC
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6503
TDA6503A
FCE571
Fig.3
Pin configuration for TDA6503 and
TDA6503A.
8
FUNCTIONAL DESCRIPTION
8.1
Control mode selection
The device is controlled via the I2C-bus or the 3-wire bus, depending on the voltage applied to pin SW (see Table 2).
A LOW level on pin SW enables the I2C-bus: pins CE/AS, DA and CL are used as address selection (AS), serial data
(SDA) and serial clock (SCL) input respectively.
A HIGH level on pin SW enables the 3-wire bus: pins CE/AS, DA and CL are used as chip enable (CE), data and clock
inputs respectively.
Table 2
Bus format selection
PIN
I2C-BUS MODE
3-WIRE BUS MODE
SYMBOL
TDA6502;
TDA6502A
TDA6503;
TDA6503A
SW
11
18
LOW-level voltage or ground
HIGH-level voltage or open-circuit
CE/AS
12
17
address selection input
enable input
DA
13
16
serial data input
data input
CL
14
15
serial clock input
clock input
LOCK/ADC
15
14
ADC input or test output
lock detector output or test output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com