Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6503 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA6503
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA6503 Datasheet HTML 9Page - NXP Semiconductors TDA6503 Datasheet HTML 10Page - NXP Semiconductors TDA6503 Datasheet HTML 11Page - NXP Semiconductors TDA6503 Datasheet HTML 12Page - NXP Semiconductors TDA6503 Datasheet HTML 13Page - NXP Semiconductors TDA6503 Datasheet HTML 14Page - NXP Semiconductors TDA6503 Datasheet HTML 15Page - NXP Semiconductors TDA6503 Datasheet HTML 16Page - NXP Semiconductors TDA6503 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
2000 Mar 16
13
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
8.3
3-wire bus data format
During a HIGH level on pin CE/AS (enable line), the data
is clocked into the data register at the HIGH-to-LOW
transition of the clock (see Figs 4 and 5).
The first four bits control the PMOS ports and are loaded
into the internal band-switch register on the 5th rising edge
of the clock pulse.
The frequency bits are loaded into the frequency register
at the HIGH-to-LOW transition of the enable line when an
18-bit or 19-bit data word is transmitted. When a 27-bit
data word is transmitted, the frequency bits are loaded into
the frequency register on the 20th rising edge of the clock
pulse and the control bits at the HIGH-to-LOW transition of
the enable line (see Fig.6).
In this control mode the reference divider is given by
bits RSA and RSB (see Table 8).
The test bits T2, T1 and T0, the charge pump bit CP, the
ratio select bit RSB and bit OS can only be selected or
changed with a 27-bit transmission. They remain
programmed if an 18-bit or 19-bit transmission occurs.
Only bit RSA is controlled by the transmission length when
the 18-bit or 19-bit format is used. When an 18-bit data
word is transmitted, the most significant bit of the divider
(bit N14) is internally set to logic 0 and bit RSA is set to
logic 1. When a 19-bit data word is transmitted, bit RSA is
set to logic 0.
It is not allowed to address the devices with words whose
length is different from 18, 19 or 27 bits. A data word of
less than 18 bits will not affect the frequency register of the
device.
The definition of the bits is unchanged compared to the
I2C-bus mode.
8.3.1
POWER-ON RESET
The power-on detection threshold voltage VPOR is set to
3.2 V at room temperature. Below this threshold the device
is reset to the power-on state.
At power-on state the following actions take place:
• The charge pump current is set to 280 µA
• The test bits T2, T1 and T0 are set to logic ‘001’
• The divider bit RSB is set to logic 1
• The tuning voltage output is disabled
• The tuning amplifier control bit OS is automatically reset
to logic 0 in 18-bit and 19-bit modes when the first data
word is received to allow normal operation
• Port register UHF is ‘off’, which means that the UHF
oscillator and the UHF mixer are switched off.
Consequently, the VHF oscillator and the VHF mixer are
switched on. Port registers VHFL and VHFH are ‘off’,
which means that the VHF tank circuit is operating in the
VHF low sub-band. The tuning amplifier is switched off
until the first transmission. In that case, the tank circuit
is supplied with the maximum tuning voltage.
The oscillator is therefore operating at the end of the
VHF low sub-band
• The reference divider ratio is set to 64 or 128 if the first
sequence to the device has 18 bits or 19 bits; if the
sequence has 27 bits, the reference divider ratio is set
by bits RSA and RSB (see Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com