Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6503 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA6503
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA6503 Datasheet HTML 17Page - NXP Semiconductors TDA6503 Datasheet HTML 18Page - NXP Semiconductors TDA6503 Datasheet HTML 19Page - NXP Semiconductors TDA6503 Datasheet HTML 20Page - NXP Semiconductors TDA6503 Datasheet HTML 21Page - NXP Semiconductors TDA6503 Datasheet HTML 22Page - NXP Semiconductors TDA6503 Datasheet HTML 23Page - NXP Semiconductors TDA6503 Datasheet HTML 24Page - NXP Semiconductors TDA6503 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
2000 Mar 16
21
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
4. The frequency shift is defined as a change in oscillator frequency when the supply voltage varies from
VCC = 5 to 4.75 V (4.5 V) or from VCC = 5 to 5.25 V (5.5 V). The oscillator is free running during this measurement.
5. The frequency drift is defined as a change in oscillator frequency when the ambient temperature varies from
Tamb =25to50 °C or from Tamb =25to0 °C. The oscillator is free running during this measurement.
6. Switch-on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch-on. The oscillator
is free running during this measurement.
7. The ripple susceptibility is measured for a 500 kHz ripple at the IF output using the measurement circuit of Fig.19;
the level of the ripple signal is increased until a difference of 53.5 dB occurs between the IF carrier fixed at 100 dB
µV
and the sideband components.
8. This is the level of divider interferences close to the IF frequency. For example channel C: fOSC = 179 MHz,
1
⁄4 fOSC = 44.75 MHz. The VHFIN input must be left open (i.e. not connected to any load or cable); The UHFIN1 and
UHFIN2 inputs are connected to a hybrid.
9. Crystal oscillator interference means the 4 MHz sidebands caused by the crystal oscillator. The rejection has to be
greater than 60 dB for an IF output signal of 100 dB
µV.
10. The reference frequency rejection is the level of reference frequency sidebands related to the sound sub-carrier.
11. Channel 6 beat is the interfering product of fRF(pix) +fRF(snd) − fOSC of channel 6 at 42 MHz.
12. Channel A-5 beat is the interfering product of fRF(pix), fIF and fOSC of channel A-5: fbeat = 45.5 MHz.
The possible mechanisms are: fOSC − 2 × fIF or 2 × fRF(pix) − fOSC. For the measurement: VRF =80dBµV.
handbook, full pagewidth
FCE528
0.2
2
1
0.5
10
5
0.2
2
1
0.5
10
5
0
+ j
− j
0.2
0.5
1
2
5
10
40 MHz
400 MHz
∞
Fig.7 Input admittance (S11) of the VHF mixer input (40 to 400 MHz); Y0 = 20 mS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com