Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4612 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612 Datasheet(HTML) 1 Page - Linear Technology

  LTM4612 Datasheet HTML 1Page - Linear Technology LTM4612 Datasheet HTML 2Page - Linear Technology LTM4612 Datasheet HTML 3Page - Linear Technology LTM4612 Datasheet HTML 4Page - Linear Technology LTM4612 Datasheet HTML 5Page - Linear Technology LTM4612 Datasheet HTML 6Page - Linear Technology LTM4612 Datasheet HTML 7Page - Linear Technology LTM4612 Datasheet HTML 8Page - Linear Technology LTM4612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTM4613
1
4613fd
For more information www.linear.com/LTM4613
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
0.1µF
10µF
× 3
22pF
COUT
VOUT
12V
8A
CIN
VIN
24V
TO 36V
PLLIN
CLOCK SYNC
LTM4613
SGND
VD
PGND
MARGIN
CONTROL
51k
5.23k
392k
5% MARGIN
4613 TA01
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
EN55022B Compliant
36VIN, 15VOUT, 8A,
DC/DC µModule Regulator
The LTM®4613 is a complete, ultralow noise, 8A switch
modeDC/DCpowersupply.Includedinthepackagearethe
switching controller, power FETs, inductor and all support
components. Operating over an input voltage range of 5V
to 36V, the LTM4613 supports an output voltage range of
3.3V to 15V, set by a single external resistor. Only bulk
inputandoutputcapacitorsareneededtofinishthedesign.
High switching frequency and an adaptive on-time current
mode architecture enables a very fast transient response
to line and load changes without sacrificing stability.
The onboard input filter and noise cancellation circuits
achieve low noise coupling, thus effectively reducing
the electromagnetic interference (EMI)—see Figure 7.
Furthermore, the DC/DC µModule® regulator can be syn-
chronized with an external clock to reduce undesirable
frequency harmonics and allow PolyPhase® operation for
high load currents.
The LTM4613 is offered in 15mm × 15mm × 4.32mm
LGA and 15mm × 15mm × 4.92mm BGA packages. The
LTM4613 is available with SnPb (BGA) or RoHS compli-
ant terminal finish.
12V/8A Ultralow Noise µModule with 24V to 36V Input
n
Complete Low EMI Switch Mode Power Supply
n
EN55022 Class B Compliant
n
Wide Input Voltage Range: 5V to 36V
n
8A Output Current
n
3.3V to 15V Output Voltage Range
n
Low Input and Output Referred Noise
n
Output Voltage Tracking and Margining
n
PLL Frequency Synchronization
n
2% Maximum Total DC Error
n
Power Good Tracks with Margining
n
Current Foldback Protection
n
Parallel/Current Sharing
n
Ultrafast Transient Response
n
Current Mode Control
n
Programmable Soft-Start
n
Output Overvoltage Protection
n
–55°C to 125°C Operating Temperature Range
(LTM4613MPV, LTM4613MPY)
n
15mm × 15mm × 4.32mm LGA and
15mm × 15mm × 4.92mm BGA Packages
n
SnPb (BGA) or RoHS Compliant (LGA and BGA) Finish
n
Telecom and Networking Equipment
n
Industrial and Avionic Equipment
n
RF Systems
Radiated Emission Scan with 24VIN to 12VOUT at 8A
L
, LT, LTC, LTM, µModule, PolyPhase, Linear Technology, and the Linear logo are registered
trademarks and LTpowerCAD is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
70
60
50
40
30
20
10
0
30
226.2
422.4
613.6
FREQUENCY (MHz)
4613 TA01b
814.3
1010.0
–10
EN55022B LIMIT


Similar Part No. - LTM4612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4612 LINER-LTM4612 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4612 LINER-LTM4612 Datasheet
2Mb / 38P
40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4612 LINER-LTM4612 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com