Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8043 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8043
Description  Satellite Demodulator and Decoder SDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8043 Datasheet HTML 1Page - NXP Semiconductors TDA8043 Datasheet HTML 2Page - NXP Semiconductors TDA8043 Datasheet HTML 3Page - NXP Semiconductors TDA8043 Datasheet HTML 4Page - NXP Semiconductors TDA8043 Datasheet HTML 5Page - NXP Semiconductors TDA8043 Datasheet HTML 6Page - NXP Semiconductors TDA8043 Datasheet HTML 7Page - NXP Semiconductors TDA8043 Datasheet HTML 8Page - NXP Semiconductors TDA8043 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Feb 13
5
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
VSSD3
18
−
digital ground 3
VDDD2
19
−
digital supply voltage 2
PRESET
20
I
set device into default mode
P3
21
I/O
quasi-bidirectional I/O port (bit 3)
P2
22
I/O
quasi-bidirectional I/O port (bit 2)
P1
23
I/O
quasi-bidirectional I/O port (bit 1)
P0
24
I/O
quasi-bidirectional I/O port (bit 0)
VDDD3
25
−
digital supply voltage 3
n.c.
26
−
not connected
n.c.
27
−
not connected
PDOCLK
28
O
output clock for transport stream bytes
PDO0
29
O
parallel data output (bit 0)
PDO1
30
O
parallel data output (bit 1)
PDO2
31
O
parallel data output (bit 2)
VSSD4
32
−
digital ground 4
PDO3
33
O
parallel data output (bit 3)
PDO4
34
O
parallel data output (bit 4)
PDO5
35
O
parallel data output (bit 5)
n.c.
36
−
not connected
n.c.
37
−
not connected
PDO6
38
O
parallel data output (bit 6)
n.c.
39
−
not connected
VDDD4
40
−
digital supply voltage 4
VDDD5
41
−
digital supply voltage 5
VSSD5
42
−
digital ground 5
VDDD6
43
−
digital supply voltage 6
VDDD7
44
−
digital supply voltage 7
PDO7
45
O
parallel data output (bit 7)
n.c.
46
−
not connected
n.c.
47
−
not connected
PDOERR
48
O
transport error indicator
PDOVAL
49
O
data valid indicator
PDOSYNC
50
O
transport packet synchronization signal
VSSD6
51
−
digital ground 6
SCL
52
I
serial clock of I2C-bus; note 1
SDA
53
I/O
serial data of I2C-bus; note 1
INT
54
O
interrupt output (active LOW); note 1
A0
55
I
I2C hardware address; note 1
RSLOCK
56
O
Reed-Solomon lock indicator
VLOCK
57
O
Viterbi lock indicator
DLOCK
58
O
demodulator lock indicator
VDDD8
59
−
digital supply voltage 8
VDDD9
60
−
digital supply voltage 9
TEST
61
I
test pin (normally connected to ground); note 1
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com