Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8043 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8043
Description  Satellite Demodulator and Decoder SDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8043 Datasheet HTML 2Page - NXP Semiconductors TDA8043 Datasheet HTML 3Page - NXP Semiconductors TDA8043 Datasheet HTML 4Page - NXP Semiconductors TDA8043 Datasheet HTML 5Page - NXP Semiconductors TDA8043 Datasheet HTML 6Page - NXP Semiconductors TDA8043 Datasheet HTML 7Page - NXP Semiconductors TDA8043 Datasheet HTML 8Page - NXP Semiconductors TDA8043 Datasheet HTML 9Page - NXP Semiconductors TDA8043 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Feb 13
6
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
Note
1. This pin is 5 V tolerant.
TRST
62
I
BST optional asynchronous reset (normally connected to ground); note 1
TCK
63
I
BST dedicated test clock (normally connected to ground); note 1
n.c.
64
−
not connected
n.c.
65
−
not connected
VDDD10
66
−
digital supply voltage 10
VSSD7
67
−
digital ground 7
VSSD8
68
−
digital ground 8
TMS
69
I
BST input control signal (normally connected to ground); note 1
TDO
70
O
BST serial test data out
TDI
71
I
BST serial test data in (normally connected to ground); note 1
VDDD11
72
−
digital supply voltage 11
VSSD9
73
−
digital ground 9
VSSD(AD)
74
−
digital ground for ADC
VDDD(AD)
75
−
digital supply for ADC
Vref(B)
76
O
bottom reference voltage for ADC
VSSA1
77
−
analog ground 1
QA
78
I
analog input Q
Vref(Q)
79
O
AGC decoupling for Q path
IA
80
I
analog input I
VSSA2
81
−
analog ground 2
Vref(I)
82
O
AGC decoupling for I path
VDDA
83
−
analog supply voltage
VDDXTAL
84
−
supply voltage for crystal oscillator
XTALI
85
I
crystal oscillator input
XTALO
86
O
crystal oscillator output
VSSXTAL
87
−
ground for crystal oscillator
VDDD12
88
−
digital supply voltage 12
VDDD13
89
−
digital supply voltage 13
VSSD10
90
−
digital ground 10
n.c.
91
−
not connected
n.c.
92
−
not connected
n.c.
93
−
not connected
VAGC
94
O
AGC output voltage; note 1
n.c.
95
−
not connected
VDDD14
96
−
digital supply voltage 14
VDDD15
97
−
digital supply voltage 15
OUTSD
98
O
general purpose sigma-delta output
I0
99
I
digital I-input bit 0 (ADC bypass: LSB); note 1
I1
100
I
digital I-input bit 1 (ADC bypass); note 1
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com