Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8043 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8043
Description  Satellite Demodulator and Decoder SDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8043 Datasheet HTML 1Page - NXP Semiconductors TDA8043 Datasheet HTML 2Page - NXP Semiconductors TDA8043 Datasheet HTML 3Page - NXP Semiconductors TDA8043 Datasheet HTML 4Page - NXP Semiconductors TDA8043 Datasheet HTML 5Page - NXP Semiconductors TDA8043 Datasheet HTML 6Page - NXP Semiconductors TDA8043 Datasheet HTML 7Page - NXP Semiconductors TDA8043 Datasheet HTML 8Page - NXP Semiconductors TDA8043 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Feb 13
3
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
GENERAL DESCRIPTION
This document specifies a DVB compliant demodulator
and forward error correction decoder IC for reception of
QPSK and BPSK modulated signals for satellite
applications.
The TDA8043 can handle variable symbol rates without
adapting the analog filters within the tuner. Typical
applications for this device are:
• Single Carrier Per Channel (SCPC): two or more
QPSK or BPSK modulated signals in a single satellite
channel (transponder)
• Multi-Carrier Per Channel (MCPC): one QPSK or
BPSK modulated signal in a single satellite channel
(transponder)
• Simul-cast: QPSK or BPSK modulated signal together
with a Frequency Modulated (FM) signal in a single
satellite channel.
The SDD requires the analog in-phase (I) and quadrature
(Q) components as an input and provides 8-bit wide
MPEG2 transport packet data at the output. The outputs of
the SDD can be directly connected to a descrambler
(SAA7206) or a demultiplexer (SAA7205).
For evaluation purposes, the output can also be used to
monitor internal data, for example I/Q after demodulation.
The SDD requires a single clock frequency which is
independent of the received symbol rate, providing the
clock frequency is slightly higher than twice the highest
symbol frequency.
All loops to recover the data from the received symbols are
internal. No external loop components are required. Loop
parameters for the clock, carrier recovery and AGC can be
controlled via the I2C-bus.
The Forward Error Correction (FEC) unit has a built-in
state machine to achieve lock without knowing the system
parameters (depuncturing rate, spectral inversion, etc.).
Once lock is achieved, all necessary parameters can be
read via the I2C-bus. By programming these parameters in
advance lock can be achieved more quickly.
The SDD can be controlled and monitored via the I2C-bus.
An I2C-bus default mode is specified which makes it
possible to use the device by software control. A 4-bit
bidirectional I/O expander and an interrupt line are
available. By sending an interrupt signal, the SDD can
inform the microcontroller of its internal status (lock).
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8043H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com