Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV76118DCYR Datasheet HTML 18Page - Texas Instruments TLV76118DCYR Datasheet HTML 19Page - Texas Instruments TLV76118DCYR Datasheet HTML 20Page - Texas Instruments TLV76118DCYR Datasheet HTML 21Page - Texas Instruments TLV76118DCYR Datasheet HTML 22Page - Texas Instruments TLV76118DCYR Datasheet HTML 23Page - Texas Instruments TLV76118DCYR Datasheet HTML 24Page - Texas Instruments TLV76118DCYR Datasheet HTML 25Page - Texas Instruments TLV76118DCYR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
14-May-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV76112DCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV76125DCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV76133DCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV76150DCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com