Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV76118DCYR Datasheet HTML 9Page - Texas Instruments TLV76118DCYR Datasheet HTML 10Page - Texas Instruments TLV76118DCYR Datasheet HTML 11Page - Texas Instruments TLV76118DCYR Datasheet HTML 12Page - Texas Instruments TLV76118DCYR Datasheet HTML 13Page - Texas Instruments TLV76118DCYR Datasheet HTML 14Page - Texas Instruments TLV76118DCYR Datasheet HTML 15Page - Texas Instruments TLV76118DCYR Datasheet HTML 16Page - Texas Instruments TLV76118DCYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Recommended Capacitor Types
The device is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the input
and output. Multilayer ceramic capacitors have become the industry standard for these types of applications and
are recommended, but must be used with good judgment. Ceramic capacitors that employ X7R-, X5R-, and
C0G-rated dielectric materials provide relatively good capacitive stability across temperature, whereas the use of
Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, the effective capacitance varies with operating voltage and
temperature. Generally, expect the effective capacitance to decrease by as much as 50%. The input and output
capacitors recommended in the Recommended Operating Conditions table account for an effective capacitance
of approximately 50% of the nominal value.
7.1.2 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. This capacitor counteracts reactive input sources and improves transient response, input ripple,
and PSRR. An input capacitor is recommended if the source impedance is more than 0.5 Ω. A higher value
capacitor may be necessary if large, fast rise-time load or line transients are anticipated or if the device is
located several inches from the input power source.
Dynamic performance of the device is improved with the use of an output capacitor. Use an output capacitor
within the range specified in the Recommended Operating Conditions table for stability.
7.1.3 Reverse Current
Excessive reverse current can damage this device. Reverse current flows through the intrinsic body diode of the
pass transistor instead of the normal conducting channel. At high magnitudes, this current flow degrades the
long-term reliability of the device.
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT ≤ VIN + 0.3 V.
• If the device has a large COUT and the input supply collapses with little or no load current
• The output is biased when the input supply is not established
• The output is biased above the input supply
If reverse current flow is expected in the application, external protection is recommended to protect the device.
Reverse current is not limited in the device, so external limiting is required if extended reverse voltage operation
is anticipated.
www.ti.com
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com