Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332000 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI6CB332000 Datasheet HTML 3Page - Diodes Incorporated PI6CB332000 Datasheet HTML 4Page - Diodes Incorporated PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated PI6CB332000 Datasheet HTML 10Page - Diodes Incorporated PI6CB332000 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
7
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Storage Temperature.......................................................... –65°C to +150°C
Supply Voltage to Ground Potential, VDDxx ....................–0.5V to +4.0V
Input Control Pins Voltage ........................................ –0.5V to VDD+0.5V
CLK+/- Pins ................................................................................-0.5V to 2.5V
SMBus, Input High Voltage .................................................................... 3.6V
ESD Protection (HBM) ....................................................................... 2000V
Junction Temperature .................................. ...............................125 °C Max.
Note:
StressesgreaterthanthoselistedunderMAXIMUMRATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended periods may
affect reliability.
(Above which useful life may be impaired. For user guidelines, not tested.)
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VDD, VDD_A Power Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
VDD + VDDA, All outputs active
@ 100MHz
210
250
mA
IDD_PD
Power Supply Power Down(1)
Current
VDD + VDDA, All outputs LOW/
LOW
1.8
3.0
mA
TA
Ambient Temperature
Industrial grade
–40
85
°C
Note:
1. Input clock is not running.
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
Rpu
Internal Pull-Up Resistance
120
Rdn
Internal Pull-Down Resistance
120
LPIN
Pin Inductance
7
nH
Maximum Ratings
Operating Conditions
Input Electrical Characteristics
Temperature = TA. Supply voltages per normal operation conditions. See test circuits for load conditions.
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VDDSMB
Nominal Bus Voltage
2.7
3.6
V
VIHSMB
SMBus Input High Voltage
SMBus, VDDSMB = 3.3V
2.1
3.6
V
SMBus, VDDSMB < 3.3V
0.65
VDDSMB
VILSMB
SMBus Input Low Voltage
SMBus, VDDSMB = 3.3V
0.6
V
SMBus, VDDSMB < 3.3V
0.6
SMBus Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com