Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332000 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6CB332000
Description  20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332000 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6CB332000 Datasheet HTML 1Page - Diodes Incorporated PI6CB332000 Datasheet HTML 2Page - Diodes Incorporated PI6CB332000 Datasheet HTML 3Page - Diodes Incorporated PI6CB332000 Datasheet HTML 4Page - Diodes Incorporated PI6CB332000 Datasheet HTML 5Page - Diodes Incorporated PI6CB332000 Datasheet HTML 6Page - Diodes Incorporated PI6CB332000 Datasheet HTML 7Page - Diodes Incorporated PI6CB332000 Datasheet HTML 8Page - Diodes Incorporated PI6CB332000 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
A Product Line of
Diodes Incorporated
PI6CB332000
3
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332000
Document Number DS41283 Rev 7-2
www.diodes.com
Pin Number Pin Name
Type
Description
15
NC
No Connect
16
NC
No Connect
17
Q19-
Output
HCSL
Differential Complementary Clock Output
18
Q19+
Output
HCSL
Differential True Clock Output
19
Q0+
Output
HCSL
Differential True Clock Output
20
Q0-
Output
HCSL
Differential Complementary Clock Output
21
VDD
Power
Power Supply, Nominal 3.3V
22
Q1+
Output
HCSL
Differential True Clock Output
23
Q1-
Output
HCSL
Differential Complementary Clock Output
24
Q2+
Output
HCSL
Differential True Clock Output
25
Q2-
Output
HCSL
Differential Complementary Clock Output
26
GND
Power
Ground
27
Q3+
Output
HCSL
Differential True Clock Output
28
Q3-
Output
HCSL
Differential Complementary Clock Output
29
Q4+
Output
HCSL
Differential True Clock Output
30
Q4-
Output
HCSL
Differential Complementary Clock Output
31
VDD
Power
Power Supply, Nominal 3.3V
32
Q5+
Output
HCSL
Differential True Clock Output
33
Q5-
Output
HCSL
Differential Complementary Clock Output
34
OE5#
Input
CMOS
Active Low Input for Enabling Q5 Pair.
1 = disable outputs, 0 = enable outputs
35
Q6+
Output
HCSL
Differential True Clock Output
36
Q6-
Output
HCSL
Differential Complementary Clock Output
37
OE6#
Input
CMOS
Active Low Input for Enabling Q6 Pair.
1 = disable outputs, 0 = enable outputs
38
Q7+
Output
HCSL
Differential True Clock Output
39
Q7-
Output
HCSL
Differential Complementary Clock Output
40
OE7#
Input
CMOS
Active Low Input for Enabling Q7 Pair.
1 = disable outputs, 0 = enable outputs
41
Q8+
Output
HCSL
Differential True Clock Output
42
Q8-
Output
HCSL
Differential Complementary Clock Output
43
OE8#
Input
CMOS
Active Low Input for Enabling Q8 Pair.
1 = disable outputs, 0 = enable outputs
44
GND
Power
Ground
45
VDD
Power
Power Supply, Nominal 3.3V
46
Q9+
Output
HCSL
Differential True Clock Output
47
Q9-
Output
HCSL
Differential Complementary Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com