Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCXXXBF Datasheet(PDF) 88 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 83Page - STMicroelectronics SMCXXXBF Datasheet HTML 84Page - STMicroelectronics SMCXXXBF Datasheet HTML 85Page - STMicroelectronics SMCXXXBF Datasheet HTML 86Page - STMicroelectronics SMCXXXBF Datasheet HTML 87Page - STMicroelectronics SMCXXXBF Datasheet HTML 88Page - STMicroelectronics SMCXXXBF Datasheet HTML 89Page - STMicroelectronics SMCXXXBF Datasheet HTML 90Page - STMicroelectronics SMCXXXBF Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
Package mechanical
SMCxxxBF
88/91
12
Package mechanical
Figure 10.
Type I CompactFlash Memory Card Dimensions
26
50
125
1.60mm ± 0.5
(0.063in ± 0.002)
3.30mm ± 0.10
(0.130in ± 0.004)
1.01mm ± 0.07
(0.039in ± 0.003)
1.01mm ± 0.07
(0.039in ± 0.003)
0.99mm± 0.05
(0.039in ± 0.002)
2.15mm ± 0.07
(0.085in ± 0.003)
0.76mm ± 0.07
(0.030in ± 0.003)
0.63mm ± 0.07
(0.025in ± 0.003)
41.66mm ± 0.13
(1.640in ± 0.005)
42.80mm ± 0.10
(1.685in ± 0.004)
4X R 0.5mm ± 0.1
(4X R 0.020in ± 0.004)
Optional
Configuration
(see note)
AI04301b
2.44mm ± 0.07
(0.096in ± 0.003)
1.65mm
(0.130in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com