Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCXXXBF Datasheet(PDF) 50 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 46Page - STMicroelectronics SMCXXXBF Datasheet HTML 47Page - STMicroelectronics SMCXXXBF Datasheet HTML 48Page - STMicroelectronics SMCXXXBF Datasheet HTML 49Page - STMicroelectronics SMCXXXBF Datasheet HTML 50Page - STMicroelectronics SMCXXXBF Datasheet HTML 51Page - STMicroelectronics SMCXXXBF Datasheet HTML 52Page - STMicroelectronics SMCXXXBF Datasheet HTML 53Page - STMicroelectronics SMCXXXBF Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
CF-ATA registers
SMCxxxBF
50/91
9.3
Feature Register
The Feature register is a write-only register, located at address 1F1h [171h], offset 1h, Dh.
This write-only register provides information on features that the host can utilize. It is
accessed on data bits D15 to D8 during a write operation to Offset 0 with –CE2 Low and –
CE1 High.
9.4
Sector Count Register
The Sector Count register is located at address 1F2h [172h], offset 2h.
This register contains the number of sectors of data to be transferred on a read or write
operation between the host and Card. If the value in this register is zero, a count of 256
sectors is specified. If the command was successful, this register is zero at completion. If not
successfully completed, the register contains the number of sectors that need to be
transferred in order to complete the request. The default value is 01h.
9.5
Sector Number (LBA 7-0) Register
The Sector Number register is located at address 1F3h [173h], offset 3h.
This register contains the starting sector number or bits 7 to 0 of the Logical Block Address
(LBA), for any data access for the subsequent sector transfer command.
9.6
Cylinder Low (LBA 15-8) Register
The Cylinder Low register is located at address 1F4h [174h], offset 4h.
This register contains the least significant 8 bits of the starting cylinder address or bits 15 to
8 of the Logical Block Address.
9.7
Cylinder High (LBA 23-16) Register
The Cylinder High register is located at address 1F5h [175h], offset 5h.
This register contains the most significant bits of the starting cylinder address or bits 23 to
16 of the Logical Block Address.
Table 43.
Error Register
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com