Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940VC/W Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
Am79C940
25
SRD Configuration
Note:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
SRDCLK Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1001
AUI
SRD Output
1
01
1
10BASE-T
SRD Output
1
10
1
DAI Port
SRD Output
1111
GPSI
SRD Output
1
XX
0
Status Disabled
High Impedance
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
SRDCLK Output
1
01
1
10BASE-T
SRDCLK Output
1
10
1
DAI Port
SRDCLK Output
1
11
1
GPSI
SRDCLK Output
1
XX
0
Status Disabled
High Impedance (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com