Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940VC/W Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
Am79C940
31
Transmit FIFO will not return DTV if ENXMT is dis-
abled, and no data will be written. The MACE device
will commence the preamble sequence once the
Transmit Start Point (XMTSP bits in BIU Configuration
Control register) threshold is reached in the Transmit
FIFO.
The Transmit FIFO data will not be overwritten until at
least 512 data bits have been transmitted onto the net-
work. If a collision occurs within the slot time (512 bit
time) window, the MACE device will generate a jam se-
quence (a 32-bit all zeroes pattern) before ceasing the
transmission. The Transmit FIFO will be reset to point
at the start of the transmit data field, and the message
will be retried after the random back-off interval has
expired.
DETAILED FUNCTIONS
Block Level Description
The following sections describe the major sub-blocks
of and the external interfaces to the MACE device.
Bus Interface Unit (BIU)
The BIU performs the interface between the host or
system bus and the Transmit and Receive FIFOs, as
well as all chip control and status registers. The BIU
can be configured to accept data presented in either lit-
tle-endian or big indian format, minimizing the external
logic required to access the MACE device internal
FIFOs and registers. In addition, the BIU directly
supports 8-bit transfers and incorporates features to
simplif y int e r f acing to 32- bit sy st ems using
external latches.
Externally, the FIFOs appear as two independent reg-
isters located at individual addresses. The remainder
of the internal registers occupy 30 additional consecu-
tive addresses, and appear as 8-bits wide.
BIU to FIFO Data Path
The BIU operates assuming that the 16-bit data path
to/from the internal FIFOs is configured as two inde-
pendent byte paths, activated by the Byte Enable
sig nals BE0 and BE1.
BE0 and BE1 are only used during accesses to the
16-bit wide Transmit and Receive FIFOs. After hard-
ware or software reset, the BSWP bit will be cleared.
FIFO accesses to the MACE device will operate
assuming an Intel 80x86 type memory convention
(most significant byte of a word stored in the higher
addressed byte). Word data transfers to/from the
FIFOs over the DBUS15-0 lines will have the least sig-
nificant byte located on DBUS7-0 (activated by BE0)
and the most significant byte located on DBUS15-8
(activated by BE1).
FIFO data can be read or written using either byte and/
or word operations.
If byte operation is required, read/write transfers can be
performed on either the upper or lower data bus by
asserting the appropriate byte enable. For instance
with BSWP = 0, reading from or writing to DBUS15-8 is
accomplished by asserting BE1, and allows the data
stream to be read from or written to the appropriate
FIFO in byte order (byte 0, byte 1,....byte n). It is equally
valid to read or write the data stream using DBUS7–0
and by asserting BE0. For BSWP = 1, reading from or
writing to DBUS15-8 is accomplished by asserting BE0,
and allows the byte stream to be transferred in byte
order.
When word operations are required, BSWP ensures
that the byte ordering of the target memory is compati-
ble with the 802.3 requirement to send/receive the data
stream in byte ascending order. With BSWP = 0, the
data transferred to/from the FIFO assumes that byte n
will be on DBUS7-0 (activated by BE0) and byte n+1
will be on DBUS15-8 (activated by BE1). With BSWP =
1, the data transferred to/from the FIFO assumes that
byte n will be presented on DBUS15-8 (activated by
BE0), and byte n+1 will be on DBUS7-0 (activated by
BE1).
There are some additional special cases to the above
generalized rules, which are as follows:
(a) When performing byte read operations, both
halves of the data bus are driven with identical
data, effectively allowing the user to arbitrarily read
from either the upper or lower data bus, when only
one of the byte enables is activated.
(b) When byte write operations are performed, the
Transmit FIFO latency is affected. See the FIFO
Sub-System section for additional details.
(c) If a word read is performed on the last data byte of
a receive frame (EOF is asserted), and the mes-
sage contained an odd number of bytes but the
host requested a word operation by asserting both
BE0 and BE1, then the MACE device will present
one valid and one non-valid byte on the data bus.
The placement of valid data for the data byte is de-
pendent on the target memory architecture. Re-
gardless of BSWP, the single valid byte will be read
from the BE0 memory bank. If BSWP = 0, BE0 cor-
responds to DBUS7-0; if BSWP = 1, BE0 corre-
sponds to DBUS15-8.
(d) If a byte read is performed when the last data byte
is read for a receive frame (when the MACE device
activates the EOF signal), then the same byte will
be presented on both the upper and lower byte of
the data bus, regardless of which byte enable was
activated (as is the case for all byte read opera-
tions).
(e) When writing the last byte in a transmit message
to the Transmit FIFO, the portion of the data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com