Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940VC/W Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 57Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 58Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
60
Am79C940
tional data once a packet is in
progress will not cause the
RCVFIFO to underflow, and will
be indicated
by DTV being
invalid. The MACE device will no
longer be able to reject runts in
this mode, this responsibility is
transferred to the host system.
In the case of a collided packet
(normal slot time collision or late
collision), the MACE device will
abort the reception, and return
the RCVFS. Note that all colli-
sions in this mode will appear as
late collisions and be reported
by the CLSN bit in the Receive
Status (RCVSTS) byte.
If the host does not keep up with
the incoming receive data, nor-
mal RCVFIFO overflow recovery
is provided.
Bit 2
M/R
Match/Reject. The Match/Reject
option sets the criteria for the
External
Address
Detection
Interface. If set, the EAM/R pin is
configured as External Address
Match, and is used to signal the
acceptance of a receive frame to
the MACE device. If cleared, the
pin
functions
as
External
Address Reject and is used to
flush unwanted packets from the
Receive FIFO prior to the first
assertion of RDTREQ. M/R is
cleared by activation of the
RESET pin or SWRST bit. When
the EADI feature is disabled, the
EAM/R pin must be tied active
(low) and all normal receive ad-
dress recognition configurations
are supported (physical, logical
and promiscuous). See the sec-
tion “External Address Detection
Interface” for additional details.
Bit 1
RES
Reserved. Read as zero. Always
write as zero. Bit 0 ASTRP RCV
Auto
Strip
Receive.
ASTRP
RCV enables the automatic pad
stripping feature. The pad and
FCS fields will be stripped from
receive frames and not placed in
the FIFO. ASTRP RCV is set by
activation of the RESET pin or
the SWRST bit.
Receive Frame Status (RCVFS)
(REG ADDR 6)
The Receive Frame Status is a single byte location
which must be read by four read cycles to obtain the
four bytes (32-bits) of status associated with each
receive frame. Receive Frame Status can be read
using either the Register Direct or FIFO Direct access
modes.
In Register Direct mode, access to the Receive FIFO
will be denied until all four status bytes for the com-
pleted frame have been read from the Receive Frame
Status location. In FIFO Direct mode, the Receive
Frame Status is read through the Receive FIFO loca-
tion, by continuing to execute four read cycles after the
completion of packet data (and assertion of EOF). The
Receive Frame Status can be read using either mode,
or a combination of both modes, however each status
byte will be presented only once regardless of access
method. Other register reads and/or writes can be
interleaved at any time, during the Receive Frame
Sta tus sequence.
The Receive Frame Status consists of the following
four bytes of information:
RFS0
Receive Message Byte Count
(RCVCNT) [11–0]
RFS1
Receive Status, (RCVSTS) [15–12]
RFS2
Runt Packet Count (RNTPC) [7–0]
RFS3
Receive Collision Count (RCVCC) [7–0]
RFS0—Receive Message Byte Count (RCVCNT)
Bit
Name
Description
Bit 7-0
RCVCNT
The
Receive
Message Byte
[7:0]
Count indicates the number of
whole bytes in the received mes-
sage. If pad bytes were stripped
from
the
received
frame,
RCVCNT indicates the number
of bytes received less the num-
ber of pad bytes and less the
number of FCS bytes. RCVCNT
is 12 bits long. If a late collision
is
detected
(CLSN
set
in
RCVSTS), the count is an indi-
cation of the length (in byte
times) of the duration of the re-
ceive activity including the colli-
sion.
RCVCNT
[10:8]
corre-
spond to bits 3-0 in RFS1 of the
Receive
Frame
Status.
RCVCNT [11–0] will be invalid
when OFLO is set.
RFS1—Receive Status (RCVSTS)
Bit
Name
Description
Bit 7
OFLO
Overflow flag. Indicates that the
Receive FIFO over flowed due
RCVFS [31–00]
OFLO CLSN FRAM FCS
RCVCNT [10:8]
RCVCNT [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com