Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8542
Description  2 x 1 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8542 Datasheet HTML 1Page - NXP Semiconductors TDA8542 Datasheet HTML 2Page - NXP Semiconductors TDA8542 Datasheet HTML 3Page - NXP Semiconductors TDA8542 Datasheet HTML 4Page - NXP Semiconductors TDA8542 Datasheet HTML 5Page - NXP Semiconductors TDA8542 Datasheet HTML 6Page - NXP Semiconductors TDA8542 Datasheet HTML 7Page - NXP Semiconductors TDA8542 Datasheet HTML 8Page - NXP Semiconductors TDA8542 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Apr 01
5
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3
V
IORM
repetitive peak output current
1A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vpsc
AC and DC short-circuit safe voltage
10
V
Ptot
total power dissipation
SO16L
1.2
W
DIP16
2.2
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air:
TDA8542T (SO16L)
100
K/W
TDA8542 (DIP16)
55
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com