Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8542
Description  2 x 1 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8542 Datasheet HTML 5Page - NXP Semiconductors TDA8542 Datasheet HTML 6Page - NXP Semiconductors TDA8542 Datasheet HTML 7Page - NXP Semiconductors TDA8542 Datasheet HTML 8Page - NXP Semiconductors TDA8542 Datasheet HTML 9Page - NXP Semiconductors TDA8542 Datasheet HTML 10Page - NXP Semiconductors TDA8542 Datasheet HTML 11Page - NXP Semiconductors TDA8542 Datasheet HTML 12Page - NXP Semiconductors TDA8542 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Apr 01
9
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
BTL APPLICATION
Fig.3 BTL application.
handbook, full pagewidth
MBH798
14
VCC
ViL
OUTL
INL
INL
+
OUTL
+
15
100 nF
100
µF
16
9
18
TDA8542
13
OUTR
GND
RL
INR
11
INR
+
SVR
12
4
3
5
MODE
BTL/SE
2
OUTR
OUTR
+
10
RL
7
C3
47
µF
1
µF
1
µF
R1
R2
R4
10 k
10 k
50 k
50 k
R3
ViR
Gain left
2
R2
R1
--------
×
=
Gain right
2
R4
R3
--------
×
=
Fig.4 Iq as a function of VCC.
RI =
∞.
handbook, halfpage
0
Iq
(mA)
VCC (V)
20
30
10
0
420
812
16
MGD890
Fig.5 THD as a function of Po.
f = 1 kHz, Gv =20dB.
(1) VCC = 5 V, RL =8 Ω.
(2) VCC = 9 V, RL =16 Ω.
handbook, halfpage
10
1
THD
(%)
10−2
10−1
MGD891
10−2
10−1
1
Po (W)
10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com