Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8542
Description  2 x 1 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8542 Datasheet HTML 3Page - NXP Semiconductors TDA8542 Datasheet HTML 4Page - NXP Semiconductors TDA8542 Datasheet HTML 5Page - NXP Semiconductors TDA8542 Datasheet HTML 6Page - NXP Semiconductors TDA8542 Datasheet HTML 7Page - NXP Semiconductors TDA8542 Datasheet HTML 8Page - NXP Semiconductors TDA8542 Datasheet HTML 9Page - NXP Semiconductors TDA8542 Datasheet HTML 10Page - NXP Semiconductors TDA8542 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Apr 01
7
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
AC CHARACTERISTICS
VCC =5V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Fig.3; unless otherwise specified.
Notes
1. Gain of the amplifier is 2
× R2/R1 in test circuit of Fig.3.
2. The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a
source impedance of RS =0 Ω at the input.
3. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied to
the positive supply rail.
4. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS),
which is applied to the positive supply rail.
5. Output voltage in mute position is measured with a 1 V (RMS) input voltage in a bandwidth of 20 kHz, so including
noise.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%
1
1.2
W
THD = 0.5%
0.6
0.9
W
THD
total harmonic distortion
Po = 0.5 W
0.15
0.3
%
Gv
closed loop voltage gain
note 1
6
30
dB
Zi
differential input impedance
100
k
Vno
noise output voltage
note 2
−−
100
µV
SVRR
supply voltage ripple rejection
note 3
50
−−
dB
note 4
40
−−
dB
Vo
output voltage in mute condition
note 5
−−
200
µV
αcs
channel separation
40
−−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com