Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R200 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics ST25R200 Datasheet HTML 49Page - STMicroelectronics ST25R200 Datasheet HTML 50Page - STMicroelectronics ST25R200 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
5.14.24
Protocol reception register 2
Address: 17h
Type: RW
Domain: RD
Table 39. Protocol reception register 2
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
tr1_min_len6
0
-
-
5
tr1_min_len5
1
Minimum remaining TR1 length
defined in subcarrier periods
(0-127)
If TR1 is shorter than the minimum, a soft framing error is
reported. start_wait<5:0> needs to be taken into account.
4
tr1_min_len4
1
3
tr1_min_len3
1
2
tr1_min_len2
0
1
tr1_min_len1
1
0
tr1_min_len0
0
5.14.25
Protocol reception register 3
Address: 18h
Type: RW
Domain: RD
Table 40. Protocol reception register 3
Bit
Name
Default
Function
Comment
7
tr1_max_len7
1
Maximum remaining TR1
length defined in subcarrier
periods (0-255)
If TR1 is longer than the maximum, a soft framing error is
reported. start_wait<5:0> needs to be taken into account.
6
tr1_max_len6
1
5
tr1_max_len5
0
4
tr1_max_len4
0
3
tr1_max_len3
0
2
tr1_max_len2
0
1
tr1_max_len1
0
0
tr1_max_len0
0
5.14.26
EMD register 1
Address: 19h
Type: RW
Domain: RD
Table 41. EMD register 1
Bit
Name
Default
Function
Comment
7
emd_thld3
0
EMD threshold definition in number of
received bytes
If the received message length is less than the number of
bytes defined by emd_thld, then EMD suppression is
triggered.
6
emd_thld2
1
5
emd_thld1
0
4
emd_thld0
0
ST25R200
Application information
DS13658 - Rev 2
page 47/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com