Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R200 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 35Page - STMicroelectronics ST25R200 Datasheet HTML 36Page - STMicroelectronics ST25R200 Datasheet HTML 37Page - STMicroelectronics ST25R200 Datasheet HTML 38Page - STMicroelectronics ST25R200 Datasheet HTML 39Page - STMicroelectronics ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Bit
Name
Default
Function
Comment
2
Digital IIR high pass filter 5th stage
-
hpf_coef0
1
1
RFU
0
-
-
0
dis_corr
0
1: Disable correlator
-
5.14.10
Correlator register 1
Address: 09h
Type: RW
Domain: RD
Table 22. Correlator register 1
Bit
Name
Default
Function
Comment
7
iir_coef2_3
1
1st order IIR coefficient
Filter after decimation
6
iir_coef2_2
0
5
iir_coef2_1
0
4
iir_coef2_0
1
3
iir_coef1_3
0
1st order IIR coefficient
Filter after down conversion
2
iir_coef1_2
0
1
iir_coef1_1
0
0
iir_coef1_0
1
5.14.11
Correlator register 2
Address: 0Ah
Type: RW
Domain: RD
Table 23. Correlator register 2
Bit
Name
Default
Function
Comment
7
agc_thr_squelch3
0
Squelch threshold
-
6
agc_thr_squelch2
1
5
agc_thr_squelch1
0
4
agc_thr_squelch0
0
3
agc_thr3
1
AGC threshold
-
2
agc_thr2
0
1
agc_thr1
1
0
agc_thr0
0
5.14.12
Correlator register 3
Address: 0Bh
Type: RW
Domain: RD
ST25R200
Application information
DS13658 - Rev 2
page 39/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com