Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R200 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 9Page - STMicroelectronics ST25R200 Datasheet HTML 10Page - STMicroelectronics ST25R200 Datasheet HTML 11Page - STMicroelectronics ST25R200 Datasheet HTML 12Page - STMicroelectronics ST25R200 Datasheet HTML 13Page - STMicroelectronics ST25R200 Datasheet HTML 14Page - STMicroelectronics ST25R200 Datasheet HTML 15Page - STMicroelectronics ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
5.3
Supply system
The device features two positive supply pins:
•
VDD_IO is used to define the supply level for digital communication pins (MISO, MOSI, SCLK, BSS, and
IRQ). Digital communication pins interface with ST25R200 logic through level shifters, therefore, the
internal supply voltage can be either higher or lower than VDD_IO.
•
VDD is the main power supply pin. It supplies the ST25R200 blocks through the following:
–
Regulator VDD_D
–
Regulator VDD_A
–
Regulator VDD_DR
–
Regulator VDD_AM
The recommended blocking capacitors for supply pins are as following:
•
2.2 μF in parallel with 10 nF for: VDD, VDD_DR, VDD_D, and VDD_AM (pin 5, 6, 7, and 8)
•
1 μF in parallel with 10 nF for AGD and VDD_IO (pin 3 and 15)
Figure 7. Supply system
VDD
PD
VDD_D
VDD_A
REG
AUTOREG
BGR
VDD_D
REG
AGD
Buff
VDD_AM
VDD_DR
VDD_A
AGDC
VDD_D
VDD_A1
VDD_DR
REG
VDD_AM
REG
POR
Note:
•
BGR: Bandgap reference
•
AUTOREG: Automatic regulator adjustment
ST25R200
Application information
DS13658 - Rev 2
page 13/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com