Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7129CPL
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129CPL Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7129CPL Datasheet HTML 6Page - Microchip Technology TC7129CPL Datasheet HTML 7Page - Microchip Technology TC7129CPL Datasheet HTML 8Page - Microchip Technology TC7129CPL Datasheet HTML 9Page - Microchip Technology TC7129CPL Datasheet HTML 10Page - Microchip Technology TC7129CPL Datasheet HTML 11Page - Microchip Technology TC7129CPL Datasheet HTML 12Page - Microchip Technology TC7129CPL Datasheet HTML 13Page - Microchip Technology TC7129CPL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC7129
DS21459D-page 10
© 2006 Microchip Technology Inc.
4.2.3
+5V Power Supply
Measurements are made with respect to power supply
ground. COMMON (pin 28) is connected to REF LO
(pin 35). A voltage doubler is needed, since the supply
voltage is less than the 6V minimum needed by the
TC7129. DGND (pin 36) must be isolated from power
supply ground (see Figure 4-3).
Figure 4-3:
Powering the TC7129 From
a +5V Power Supply.
4.3
Connecting to External Logic
External logic can be directly referenced to DGND
(pin 36), provided that the supply current of the external
logic does not exceed the sink current of DGND
(Figure 4-4). A safe value for DGND sink current is
1.2 mA. If the sink current is expected to exceed this
value, a buffer is recommended (see Figure 4-5).
Figure 4-4:
External Logic Referenced
Directly to DGND.
Figure 4-5:
External Logic Referenced
to DGND with Buffer.
4.4
Temperature Compensation
For most applications, VDISP (pin 19) can be connected
directly to DGND (pin 36). For applications with a wide
temperature range, some LCDs require that the drive
levels vary with temperature to maintain good viewing
angle and display contrast. Figure 4-6 shows two
circuits that can be adjusted to give temperature com-
pensation of about 10 mV/°C between V+ (pin 24) and
VDISP. The diode between DGND and VDISP should
have a low turn-on voltage because VDISP cannot
exceed 0.3V below DGND.
V–
V+
DGND
+
10 µF
+
8
2
4
10 µF
+
–
3
VIN
5
24
34
35
28
33
32
23
36
TC7660
V+
GND
0.1 µF
0.1 µF
+5V
TC7129
External
Logic
DGND
V
+
36
24
23
ILOGIC
TC7129
V-
–
+
External
Logic
ILOGIC
DGND
23
24
V+
36
TC7129
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com