Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7129CPL
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129CPL Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7129CPL Datasheet HTML 11Page - Microchip Technology TC7129CPL Datasheet HTML 12Page - Microchip Technology TC7129CPL Datasheet HTML 13Page - Microchip Technology TC7129CPL Datasheet HTML 14Page - Microchip Technology TC7129CPL Datasheet HTML 15Page - Microchip Technology TC7129CPL Datasheet HTML 16Page - Microchip Technology TC7129CPL Datasheet HTML 17Page - Microchip Technology TC7129CPL Datasheet HTML 18Page - Microchip Technology TC7129CPL Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21459D-page 15
TC7129
4.11
Integrator Section
The integrator section includes the integrator, compar-
ator, input buffer amplifier and analog switches (see
Table 4-2) used to change the circuit configuration
during the separate measurement phases described
earlier. (See Figure 4-12).
The buffer amplifier has a common mode input voltage
range from 1.5V above V– to 1V below V+. The integra-
tor amplifier can swing to within 0.3V of the rails.
However, for best linearity, the swing is usually limited
to within 1V. Both amplifiers can supply up to 80
μA of
output current, but should be limited to 20
μA for good
linearity.
4.12
Continuity Indicator
A comparator with a 200 mV threshold is connected
between IN HI (pin 33) and IN LO (pin 32). Whenever
the voltage between inputs is less than 200 mV, the
CONTINUITY output (pin 27) will be pulled high,
activating the continuity annunciator on the display.
The continuity pin can also be used as an input to drive
the continuity annunciator directly from an external
source (see Figure 4-13).
A schematic of the input/output nature of this pin is also
shown in Figure 4-14.
Figure 4-13:
Continuity Indicator Circuit.
Figure 4-14:
Input/Output Pin Schematic.
4.13
Common and Digital Ground
The common and digital ground (DGND) outputs are
generated from internal Zener diodes. The voltage
between V+ and DGND is the internal supply voltage
for the digital section of the TC7129. Common can
source approximately 12
μA; DGND has essentially no
source capability (see Figure 4-15).
TABLE 4-2:
SWITCH LEGENDS
Label
Description
Label
Meaning.
DE
Open during all de-integrate phases.
DE–
Closed during all de-integrate phases when
input voltage is negative.
DE+
Closed during all de-integrate phases when
input voltage is positive.
INT1
Closed during the first integrate phase
(measurement of the input voltage).
INT2
Closed during the second integrate phase
(measurement of the amplifier offset).
INT
Open during both integrate phases.
REST
Closed during the rest phase.
ZI
Closed during the zero integrate phase.
X10
Closed during the X10 phase.
X10
Open during the X10 phase.
COM
Buffer
200 mV
IN HI
–
+
IN LO
–
+
V
CONT
500 k
Ω
To Display Driver
(Not Latched)
TC7129
TC7129
500 k
Ω
DP4/OR, Pin 20
DP3/UR, Pin 21
LATCH/HOLD Pin 22
CONTINUITY, Pin 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com