Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 18 Page - Microchip Technology

Part # TC7129CPL
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129CPL Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC7129CPL Datasheet HTML 14Page - Microchip Technology TC7129CPL Datasheet HTML 15Page - Microchip Technology TC7129CPL Datasheet HTML 16Page - Microchip Technology TC7129CPL Datasheet HTML 17Page - Microchip Technology TC7129CPL Datasheet HTML 18Page - Microchip Technology TC7129CPL Datasheet HTML 19Page - Microchip Technology TC7129CPL Datasheet HTML 20Page - Microchip Technology TC7129CPL Datasheet HTML 21Page - Microchip Technology TC7129CPL Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC7129
DS21459D-page 18
© 2006 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Package marking data not available a this time.
5.2
Taping Forms
User Direction of F eed
P, Pitch
S tandard R eel C omponent Orientation
Reverse Reel C omponent Orientation
W, Width
of C arrier
Tape
Pin 1
Pin 1
Component Taping Orientation for 44-Pin PQFP Devices
User Direction of Feed
Pin 1
Standard Reel Component Orientation
for 713 Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
44-Pin PQFP
24 mm
16 mm
500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Note: Drawing does not represent total number of pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com