Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66239FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M66239FP
Description  High Speed Standard Clock Generator With Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66239FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M66239FP Datasheet HTML 1Page - Renesas Technology Corp M66239FP Datasheet HTML 2Page - Renesas Technology Corp M66239FP Datasheet HTML 3Page - Renesas Technology Corp M66239FP Datasheet HTML 4Page - Renesas Technology Corp M66239FP Datasheet HTML 5Page - Renesas Technology Corp M66239FP Datasheet HTML 6Page - Renesas Technology Corp M66239FP Datasheet HTML 7Page - Renesas Technology Corp M66239FP Datasheet HTML 8Page - Renesas Technology Corp M66239FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev.1.00 Mar 16, 2005 page 1 of 23
M66239FP
High Speed Standard Clock Generator With Frequency Synthesizer
REJ03E0002-0100
Rev.1.00
Mar 16, 2005
Description
M66239FP is high speed synchronizing clock generator with frequency synthesizer which is fabricated by high
performance silicon gate CMOS process technology.
It is able to output clock in sync with external trigger. And it features excellent synchronizing precision (sync accuracy:
jitter) over a wide range frequency band.
Also, it has frequency synthesizer function which is able to modulate input frequency by resister setting before normal
operation. Frequency modulation resolution is high accuracy 0.01%.
And in order to process the Y/M/C/K printing signal processing by 1 chip, M66239FP integrate fore synchronizing
clock generator macro with frequency synthesizer function.
Also, this part can use various applications as frequency synthesizer LSI.
Features
• Power supply voltage: Single 3.3 V
• Frequency band: 28 MHz to 100 MHz
• Synchronizing precision (jitter): ∆T = ±1.5 ns
• Output clock type
(1) Sync clock output (CKO)
(2) Sync clock output inverted CKO (CKOB)
(3) One-shot pulse output (PULSE)
(4) Continuous clock output (CLKO: asynchronous to trigger)
• Trigger edge: Polarity (positive/negative) selectable
• Output clock phase control: T/8 step resolution (T: clock period)
• Frequency synthesizer type
(1) Offset type modulation
(2) Triangle type modulation
(3) Polygon type modulation
• Frequency modulation resolution: 0.01%
• Output clock center frequency modulation: 0.01% step/Maximum ±2.55%
• Output clock peak frequency modulation: 0.01% step/Maximum ±2.55%
• Output clock modulation period: 16 bit resister setting
• Output clock modulation start position: 10 bit resister setting
• Output clock disable function: Disable CKOB and PULSE by OE pin control
• Integrated 4 synchronizing clock generator macro with frequency synthesizer function
Application
Digital color copier/Digital color laser beam printer


Similar Part No. - M66239FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66230FP MITSUBISHI-M66230FP Datasheet
608Kb / 19P
A2RT(ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
M66230P MITSUBISHI-M66230P Datasheet
608Kb / 19P
A2RT(ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
M66235 MITSUBISHI-M66235 Datasheet
60Kb / 5P
STANDARD CLOCK GENERATOR
M66235FP MITSUBISHI-M66235FP Datasheet
60Kb / 5P
STANDARD CLOCK GENERATOR
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
STANDARD CLOCK GENERATOR
More results

Similar Description - M66239FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
TriQuint Semiconductor
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
High-Frequency Clock Generator
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
High-Frequency Clock Generator
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
Clock Synthesizer and Frequency Generator with Peak EMI reduction
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
Standard Clock Generator with PLL Frequency Synthesizer
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com