Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS200 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 3 Page - Microchip Technology

  PS200 Datasheet HTML 1Page - Microchip Technology PS200 Datasheet HTML 2Page - Microchip Technology PS200 Datasheet HTML 3Page - Microchip Technology PS200 Datasheet HTML 4Page - Microchip Technology PS200 Datasheet HTML 5Page - Microchip Technology PS200 Datasheet HTML 6Page - Microchip Technology PS200 Datasheet HTML 7Page - Microchip Technology PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 1
PS200
Features
• User configurable battery charger.
• Firmware available for the following cell
chemistries:
- Lithium Ion/Polymer (available now)
- NiMH, NiCd (available Q2 2005)
- Pb Acid (available Q3 2005)
• 10-bit ADC for voltage, current and temperature
measurement:
- Accurate Voltage Regulation (+/-1%)
- Accurate Current Regulation (+/-5%)
• Maximum integration for optimal size:
- Integrated voltage regulator
- Internal 8 MHz clock oscillator
- High-Frequency Switch mode charging –
configurable switching frequency up to 1 MHz
• 256 bytes EEPROM storage for charging
parameters
• Switch mode charger supports buck and
synchronous buck topologies
• Configurable charge status display via two LEDs
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Power-saving Sleep mode
Applications
• Notebook Computers
• Personal Data Assistants
• Cellular Telephones
• Digital Still Cameras
•Camcorders
• Portable Audio Products
• Bluetooth® Devices
• Flashlights
• Power Tools
Pin Diagram
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
20-Pin PDIP, SOIC, SSOP
1
10
11
VDD
LED2
VIN
RESET
CTRLOUT
CHGOUT
LOOPFBK
LOOPIN
CTRLIN
LED1
VSS
TEMP
VOVP
SHDN
CHGFBK
BATID
IFBOUT
IFBINA
IFBINB
HVOUT
PowerSmart® Configurable Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com