Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS200 Datasheet(PDF) 7 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PS200 Datasheet HTML 3Page - Microchip Technology PS200 Datasheet HTML 4Page - Microchip Technology PS200 Datasheet HTML 5Page - Microchip Technology PS200 Datasheet HTML 6Page - Microchip Technology PS200 Datasheet HTML 7Page - Microchip Technology PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology PS200 Datasheet HTML 10Page - Microchip Technology PS200 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 5
PS200
2.0
LITHIUM CHEMISTRY
ALGORITHM
The PS200 provides an unprecedented level of
configurability for charging Lithium Ion/Lithium Polymer
battery packs. It’s precision, 10-bit Analog-to-Digital
converter and high-frequency Pulse-Width Modulator
enable the PS200 to provide optimum control of
charging algorithms for lithium battery chemistries.
Special features include an internal voltage regulator
and an internal clock oscillator that reduce external
component count.
2.1
Lithium Overview
2.1.1
MULTI-STEP CHARGING
To ensure the proper treatment of lithium chemistries
during extreme temperature and voltage conditions,
multi-step charging is required. The PS200 starts the
charging cycle upon sensing the presence of a battery
pack and a valid charging supply. During charge
qualification, the battery’s temperature and voltage are
measured to determine the appropriate initial state.
The initial states include Charge Suspend, Precharge
and Current
Regulation. Charge Suspend
halts
charging when the user defined preset conditions for
charging are not met. Precharge allows for the
recovery of deeply discharged batteries by applying a
low-charge
current.
Current
Regulation
provides
constant
current,
voltage
limited
charge.
Upon
reaching the target voltage during Current Regulation,
the Voltage Regulation state is entered. Charging
continues at a constant voltage until the current
decreases to the user specified minimum current
threshold (VRIMin). At this threshold, charging is
terminated and the End-Of-Charge state is reached.
The state diagram illustrates the charging cycle (see
Figure 2-1).
2.1.2
USER CONFIGURABLE
PARAMETERS
The PS200 supports user configurable parameters that
allow for customizing the charging profile. This feature
allows for the maximum reuse of hardware, thus
reducing time-to-market. These parameters include:
• Battery Temperature:
- Minimum/maximum temperature for charge
initiation
- Maximum temperature allowed during charge
• Battery Voltage:
- Minimum/maximum voltage for charge
initiation
- Target voltage during Voltage Regulation
- Voltage at which the charger will restart
charging after completion of a valid charge
cycle
• Charge Current:
- Target current during Current Regulation
- Taper current threshold for End-Of-Charge
during Voltage Regulation
- Target current during Precharge
•Time:
- Precharge time limit
- Current Regulation time limit
- Voltage Regulation time limit
• Status Display:
- Two LEDs denote the charge states. Their
flash rates can be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com