Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS200 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 4 Page - Microchip Technology

  PS200 Datasheet HTML 1Page - Microchip Technology PS200 Datasheet HTML 2Page - Microchip Technology PS200 Datasheet HTML 3Page - Microchip Technology PS200 Datasheet HTML 4Page - Microchip Technology PS200 Datasheet HTML 5Page - Microchip Technology PS200 Datasheet HTML 6Page - Microchip Technology PS200 Datasheet HTML 7Page - Microchip Technology PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PS200
DS21891B-page 2
© 2005 Microchip Technology Inc.
Pinout Description
Pin
Pin Name
Pin Type Input Type Output Type
Description
1VDD
Supply
Power
—
Supply voltage
2
LED2
O
—
CMOS
Status indicator
3VIN
I
Analog
—
Battery voltage input
4
RESET
IST
—
Reset
5CTRLOUT
O
—
CMOS
PWM output for setting current level
6
CHGOUT
O
—
CMOS
PWM output to a buck converter for charge control
7
LOOPFBK
I
Analog
—
Current feedback loop
8LOOPIN
I
Analog
—
Current feedback loop input
9CTRLIN
I
Analog
—
Current level control
10
LED1
O
—
CMOS
Status indicator
11
HVOUT
O
—
HVOD
High-voltage, open-drain output pin (optional)
12
IFBINB
I
Analog
—
Current feedback input pin B used for current scaling
13
IFBINA
I
Analog
—
Current feedback input pin A used for current scaling
14
IFBOUT
O
—
Analog
Current feedback output
15
BATID
I
Analog
—
Battery ID select
16
CHGFBK
I
Analog
—
Charge control feedback
17
SHDN
O
—
Analog
Shutdown signal, active-low
18
VOVP
I
Analog
—
Overvoltage protection
19
TEMP
I
Analog
—
Battery temperature input
20
VSS
Supply
Power
—
Supply ground
Legend: I = Input, O = Output, ST = Schmitt Trigger Input Buffer, HVOD = High-Voltage Open-Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com