Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4021 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology MCP4021 Datasheet HTML 32Page - Microchip Technology MCP4021 Datasheet HTML 33Page - Microchip Technology MCP4021 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 30
© 2006 Microchip Technology Inc.
5.2.1
INCREMENT WITHOUT WRITING
WIPER SETTING TO EEPROM
This mode is achieved by initializing the U/D pin to a
high state (VIH) prior to achieving a low state (VIL) on the
CS pin. Subsequent rising edges of the U/D pin
increment the wiper setting toward terminal A. This is
shown in Figure 5-1.
After the wiper is incremented to the desired position,
the CS pin should be forced to VIH to ensure that
“unexpected” transitions (on the U/D pin do not cause
the wiper setting to increment. Driving the CS pin to VIH
should occur as soon as possible (within device
specifications) after the last desired increment occurs.
The EEPROM value has not been updated to this new
wiper value, so if the device voltage is lowered below
the RAM retention voltage of the device, once the
device returns to the operating range, the wiper will be
loaded with the wiper setting in the EEPROM.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered. This is
since an EEPROM write cycle (twc) is not active.
FIGURE 5-1:
Increment without Writing Wiper Setting to EEPROM.
Note:
The wiper value will not overflow. That is,
once the wiper value equals 0x3F,
subsequent increment commands are
ignored.
EEPROM
U/D
CS
Wiper
1
2
3
4
WiperLock™ Technology
WiperLock Technology Enable
WiperLock Technology Disable
X+1
X
X+2
X+3
X+4
X
XX
X
X
Note: If WiperLock technology enabled, wiper will not move.
VIH
VIH
5
6
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com