Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4021 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 45Page - Microchip Technology MCP4021 Datasheet HTML 46Page - Microchip Technology MCP4021 Datasheet HTML 47Page - Microchip Technology MCP4021 Datasheet HTML 48Page - Microchip Technology MCP4021 Datasheet HTML 49Page - Microchip Technology MCP4021 Datasheet HTML 50Page - Microchip Technology MCP4021 Datasheet HTML 51Page - Microchip Technology MCP4021 Datasheet HTML 52Page - Microchip Technology MCP4021 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 49
MCP4021/2/3/4
8.2
Operational Amplifier
Applications
Figure 8-3, Figure 8-4 and Figure 8-5 illustrate typical
amplifier circuits that could replace fixed resistors with
the MCP4021/2/3/4 to achieve digitally-adjustable
analog solutions.
Figure 8-4 shows a circuit that allows a non-inverting
amplifier to have its’ offset and gain to be independently
trimmed. The MCP4021 is used along with resistors R1
and R2 to set the offset voltage. The sum of R1 + R2
resistance should be significantly greater (> 100 times)
the resistance value of the MCP4021. This allows each
increment or decrement in the MCP4021 to be a fine
adjustment of the offset voltage. The input voltage of
the op amp (VIN) should be centered at the op amps VW
voltage. The gain is adjusted by the MCP4022. If the
resistance value of the MCP4022 is small compared to
the resistance value of R3, then this is a fine
adjustment of the gain. If the resistance value of the
MCP4022 is equal (or large) compared to the
resistance value of R3, then this is a course adjustment
of the gain. In gerneral, trim the course adjustments
first and then trim the fine adjustments.
FIGURE 8-3:
Trimming Offset and Gain in
an Inverting Amplifier.
FIGURE 8-4:
Trimming Offset and Gain in
a Non-Inverting Amplifier.
FIGURE 8-5:
Programmable Filter.
Op Amp
VIN
VOUT
B
A
W
+
–
MCP4021
R1
R2
B
A
VDD
W
R3
R4
MCP6001
Op Amp
VIN
VOUT
–
+
R1
R2
B
A
VDD
W
R3
MCP6291
MCP4022
W
A
V
DD
V
W
Op Amp
VIN
VOUT
B
A
W
+
–
MCP4021
R1
R2
B
A
VDD
W
MCP4022
R3
R4
fc
1
2
π R
Eq C
⋅⋅
-----------------------------
=
Pot1
Pot2
REq
R1 RAB RWB
–
+
()
R2 RWB
+
() R
w
+
||
=
Thevenin
Equivalent
MCP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com