| Electronic Components Datasheet Search |
|
MCP4021 Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021 Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 64 page ![]() © 2006 Microchip Technology Inc. DS21945E-page 31 MCP4021/2/3/4 5.2.2 INCREMENT WITH WRITING WIPER SETTING TO EEPROM This mode is achieved by initializing the U/D pin to a high state (VIH) prior to achieving a low state (VIL) on the CS pin. Subsequent rising edges of the U/D pin increment the wiper setting toward terminal A. This is shown in Figure 5-2. After the wiper is incremented to the desired position, the U/D pin should be driven low (VIL). Then when the CS pin is forced to VIH, the wiper value is written to the EEPROM. Therefore, if the device voltage is lowered below the RAM retention voltage of the device, once the device returns to the operating range, the wiper will be loaded with this wiper setting (stored in the EEPROM). To ensure that “unexpected” transitions on the U/D pin do not cause the wiper setting to increment, the U/D pin should be driven low and the CS pin forced to VIH as soon as possible (within device specifications) after the last desired increment occurs. After the CS pin is driven to VIH (from VIL), all other serial commands are ignored until the EEPROM write cycle (twc) completes. FIGURE 5-2: Increment with Writing Wiper Setting to EEPROM. Note: The wiper value will not overflow. That is, once the wiper value equals 0x3F, subsequent increment commands are ignored. EEPROM U/D CS Wiper 1 2 3 4 WiperLock™ Technology WiperLock Technology Enable WiperLock Technology Disable X+1 X X+2 X+3 X+4 X XX X X X+4 Note: If WiperLock technology enabled, wiper will not move. VIH VIH VIH 5 6 VIL VIL tWC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |