Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/ST Datasheet(PDF) 24 Page - Microchip Technology

Part # 24LC256T-I/ST
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button 24LC256T-I/ST Datasheet HTML 20Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 21Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 22Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 23Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 24Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 25Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 26Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 27Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 24
© 2007 Microchip Technology Inc.
8-Lead 2x3 DFN
Example:
244
506
L7
XXX
YWW
NN
8-Lead 2x3mm DFN Package Marking (Pb-free)
Device
Industrial
Line 1
Marking
Device
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
Device
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
24AA00
201
24LC00
204
205
24C00
207
208
24AA01
211
24LC01B
214
215
24AA014
2N1
24LC014
2N4
2N5
24C01C
2N7
2N8
24AA02
221
24LC02B
224
225
24AA024
2P1
24LC024
2P4
2P5
24AA025
2R1
24LC025
2R4
2R5
24C02C
2P7
2P8
24AA04
231
24LC04B
234
235
24AA08
241
24LC08B
244
245
24AA16
251
24LC16B
254
255
24AA32A
261
24LC32A
264
265
24AA64
271
24LC64
274
275
24FC64
27A
27B
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com