Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC256T-I/ST
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC256T-I/ST Datasheet HTML 15Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 16Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 17Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 18Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 19Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 20Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 21Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 22Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 19
24AAXX/24LCXX/24FCXX
8.0
READ OPERATION
Read operations are initiated in much the same way as
write operations with the exception that the R/W bit of
the control byte is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX contains an address counter that maintains
the address of the last byte accessed, internally incre-
mented by ‘1’. Therefore, if the previous read or write
operation was to address ‘
n’ (n is any legal address),
the next current address read operation would access
data from address
n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the 24XX issues an acknowledge and transmits the
8-bit data byte. The master will not acknowledge the
transfer, but does generate a Stop condition and the
24XX discontinues transmission (Figure 8-1).
FIGURE 8-1:
CURRENT ADDRESS
READ
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the byte address must first
be set. This is done by sending the byte address to the
24XX as part of a write operation (R/W bit set to ‘0
’).
Once the byte address is sent, the master generates a
Start condition following the acknowledge. This termi-
nates the write operation, but not before the internal
address counter is set. The master then issues the
control byte again, but with the R/W bit set to a ‘1’. The
24XX will then issue an acknowledge and transmit the
8-bit data byte. The master will not acknowledge the
transfer but does generate a Stop condition, which
causes the 24XX to discontinue transmission
(Figure 8-2 and Figure 8-3). After a random Read
command, the internal address counter will increment
to the next address location.
FIGURE 8-2:
RANDOM READ: 128-BIT TO 16 KBIT DEVICES
FIGURE 8-3:
RANDOM READ: 32 TO 512 KBIT DEVICES
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K
Byte
S
P
S
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
A
C
K
Address
Byte (n)
Control
Byte
S
T
A
R
T
Data
A
C
K
A
C
K
N
O
A
C
K
Byte
Bus Activity
Master
SDA Line
Bus Activity
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
Control
Byte
High Order
Address Byte
Low Order
Address Byte
Control
Byte
Data
Byte
S
T
A
R
T
S
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com