Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC256T-I/ST
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC256T-I/ST Datasheet HTML 10Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 11Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 12Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 13Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 14Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 15Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 16Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 17Page - Microchip Technology 24LC256T-I/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 14
© 2007 Microchip Technology Inc.
5.7
Device Addressing For Devices
With Functional Address Pins
A control byte is the first byte received following the
Start condition from the master device (Figure 5-4).
The control byte begins with a 4-bit control code. For
the 24XX, this is set as ‘1010
’ binary for read and write
operations. The next three bits of the control byte are
the Chip Select bits (A2, A1, A0). The Chip Select bits
allow the use of up to eight 24XX devices on the same
bus and are used to select which device is accessed.
The Chip Select bits in the control byte must corre-
spond to the logic levels on the corresponding A2, A1
and A0 pins for the device to respond. These bits are,
in effect, the three Most Significant bits of the word
address.
For 24XX128 and 24XX256 in the MSOP package, the
A0 and A1 pins are not connected. During device
addressing, the A0 and A1 Chip Select bits (Figure 5-4)
should be set to ‘0’. Only two 24XX128 or 24XX256
MSOP packages can be connected to the same bus.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’, a read operation is
selected. When set to a ‘0’, a write operation is
selected.
For
higher
density
devices
(24XX32
through
24XX512), the next two bytes received define the
address of the first data byte. Depending on the prod-
uct density, not all bits in the address high byte are
used. A15, A14, A13 and A12 are “don’t care” for
24XX32. A15, A14 and A13 are “don’t care” for
24XX64. A15 and A14 are “don’t care” for 24XX128.
A15 is “don’t care” for 24XX256. All address bits are
used for the 24XX512. The upper address bits are
transferred first, followed by the Less Significant bits.
Following the Start condition, the 24XX monitors the
SDA bus. Upon receiving a ‘1010
’ code, appropriate
device select bits and the R/W bit, the slave device out-
puts an Acknowledge signal on the SDA line. The
address byte(s) follow the acknowledge.
FIGURE 5-4:
CONTROL AND ADDRESS BYTE ASSIGNMENTS FOR
DEVICES WITH ADDRESS PINS
S
10
1
0
A2 A1 A0 R/W ACK
S
10
1
0
A2 A1 A0 R/W ACK
S
10
1
0
A2 A1 A0 R/W ACK
S
10
1
0
A2 A1 A0 R/W ACK
S
10
1
0
A2 A1 A0 R/W ACK
24XX64
24XX128
24XX256
24XX512
x
= “don’t care” bit
Acknowledge
Control Code
Start bit
Control Byte
Chip Select bits*
Address High Byte
24XX32
Read/Write bit
x
xxx
A11 A10 A9 A8
xx
x
A12 A11 A10 A9 A8
xx
A13 A12 A11 A10 A9 A8
x
A14 A13 A12 A11 A10 A9 A8
A15 A14 A13 A12 A11 A10 A9 A8
bit
S
10
1
0
A2
A1
A0
R/W
ACK
S
10
1
0
A2
A1
A0
R/W
ACK
S
10
1
0
A2
A1
A0
R/W
ACK
x
A6
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
24XX024/025
24C02C
24C01C
Address Byte
A7
.
.
.
.
.
. A0
A7
.
.
.
.
.
. A0
A7
.
.
.
.
.
. A0
A7
.
.
.
.
.
. A0
A7
.
.
.
.
.
. A0
Address Low Byte
* Chip Select bits A1 and A0 must be set to ‘0’ for 24XX128/256 devices in the MSOP package.
Control Byte
(Read = 1, Write = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com