Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MFKB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142MFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MFKB Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLE2142MFKB Datasheet HTML 39Page - Texas Instruments TLE2142MFKB Datasheet HTML 40Page - Texas Instruments TLE2142MFKB Datasheet HTML 41Page - Texas Instruments TLE2142MFKB Datasheet HTML 42Page - Texas Instruments TLE2142MFKB Datasheet HTML 43Page - Texas Instruments TLE2142MFKB Datasheet HTML 44Page - Texas Instruments TLE2142MFKB Datasheet HTML 45Page - Texas Instruments TLE2142MFKB Datasheet HTML 46Page - Texas Instruments TLE2142MFKB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
43
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2142Y electrical characteristics at specified free-air temperature, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2142Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0,
RS = 50 Ω,
150
875
µV
IIO
Input offset current
VIC = 0,
VO = 0
RS = 50 Ω,
7
100
nA
IIB
Input bias current
VO = 0
− 0.7
− 1.5
µA
−15
− 15.3
VICR
Common-mode input voltage range
RS = 50 Ω
−15
to
− 15.3
to
V
VICR
Common-mode input voltage range
RS = 50 Ω
to
13
to
13.2
V
IO = − 150 µA
13.8
14.1
VOM + Maximum positive peak output voltage swing
IO = − 1.5 mA
13.7
14
V
VOM + Maximum positive peak output voltage swing
IO = − 15 mA
13.3
13.7
V
IO = 150 µA
− 14.7
− 14.9
VOM − Maximum negative peak output voltage swing
IO = 1.5 mA
− 14.5
− 14.8
V
VOM − Maximum negative peak output voltage swing
IO = 15 mA
− 13.4
− 13.8
V
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL = 2 kΩ
100
450
V/mV
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL = 2 kΩ
100
450
V/mV
ri
Input resistance
65
M
ci
Input capacitance
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
30
CMRR
Common-mode rejection ratio
VIC = VICRmin, RS = 50 Ω
80
108
dB
kSVR
Supply-voltage rejection ratio (
∆VCC /∆VIO)
VCC ± = ±2.5 V to ±15 V,
85
106
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC ± = ±2.5 V to ±15 V,
RS = 50 Ω
85
106
dB
IOS
Short-circuit output current
VO = 0
VID = 1 V
−25
−50
mA
IOS
Short-circuit output current
VO = 0
VID = − 1 V
20
31
mA
ICC
Supply current
VO = 0,
No load
6.9
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com