Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MFKB Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142MFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MFKB Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLE2142MFKB Datasheet HTML 47Page - Texas Instruments TLE2142MFKB Datasheet HTML 48Page - Texas Instruments TLE2142MFKB Datasheet HTML 49Page - Texas Instruments TLE2142MFKB Datasheet HTML 50Page - Texas Instruments TLE2142MFKB Datasheet HTML 51Page - Texas Instruments TLE2142MFKB Datasheet HTML 52Page - Texas Instruments TLE2142MFKB Datasheet HTML 53Page - Texas Instruments TLE2142MFKB Datasheet HTML 54Page - Texas Instruments TLE2142MFKB Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
51
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
60
40
20
0
100
1 k
10 k
80
100
120
100 k
1 M
140
VCC ± = ±15 V
TA = 25°C
Figure 20
− 75 − 50 − 25
0
25
50
75
100
125 150
100
104
108
112
TA − Free-Air Temperature − °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
116
120
VCC = 5 V
VIC = VICRmin
VCC ± = ±15 V
Figure 21
100
80
20
0
10
100
1 k
120
140
f − Frequency − Hz
160
10 k
100 k
1 M
10 M
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
kSVR −
VCC ± = ±2.5 V to ±15 V
TA = 25°C
60
40
kSVR +
Figure 22
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
106
104
102
100
108
110
− 75 − 50 − 25
0
25
50
75
100
125 150
VCC ± = ±2.5 V to ±15 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com