Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MFKB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142MFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2142MFKB Datasheet HTML 7Page - Texas Instruments TLE2142MFKB Datasheet HTML 8Page - Texas Instruments TLE2142MFKB Datasheet HTML 9Page - Texas Instruments TLE2142MFKB Datasheet HTML 10Page - Texas Instruments TLE2142MFKB Datasheet HTML 11Page - Texas Instruments TLE2142MFKB Datasheet HTML 12Page - Texas Instruments TLE2142MFKB Datasheet HTML 13Page - Texas Instruments TLE2142MFKB Datasheet HTML 14Page - Texas Instruments TLE2142MFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2142C operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2142C
TLE2142AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR +
Positive slew rate
AVD = − 1,
RL = 2 kن,
45
45
V/ s
SR −
Negative slew rate
AVD = − 1,
CL = 500 pF
RL = 2 kن,
42
42
V/
µs
ts
Settling time
AVD = − 1,
To 0.1%
0.16
0.16
s
ts
Settling time
AVD = − 1,
2.5-V step
To 0.01%
0.22
0.22
µs
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
15
15
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
10.5
10.5
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
0.48
0.48
V
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
0.51
0.51
µV
In
Equivalent input noise current
f = 10 Hz
1.92
1.92
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.5
0.5
pA/
√Hz
THD + N
Total harmonic distortion plus
VO = 1 V to 3 V, RL = 2 kن,
0.0052%
0.0052%
THD + N
Total harmonic distortion plus
noise
VO = 1 V to 3 V,
AVD = 2,
RL = 2 kن,
f = 10 kHz
0.0052%
0.0052%
B1
Unity-gain bandwidth
RL = 2 kن,
CL = 100 pF
5.9
5.9
MHz
Gain-bandwidth product
RL = 2 kن,
CL = 100 pF,
5.8
5.8
MHz
Gain-bandwidth product
RL = 2 kن,
f = 100 kHz
CL = 100 pF,
5.8
5.8
MHz
BOM
Maximum output-swing
VO(PP) = 2 V,
RL = 2 kن,
660
660
kHz
BOM
Maximum output-swing
bandwidth
VO(PP) = 2 V,
AVD = 1,
RL = 2 kن,
CL = 100 pF
660
660
kHz
φm
Phase margin at unity gain
RL = 2 kن,
CL = 100 pF
57
°
57
°
† RL terminates at 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com