Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76AT-I/MS Datasheet(PDF) 20 Page - Microchip Technology

Part # 93LC76AT-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76AT-I/MS Datasheet(HTML) 20 Page - Microchip Technology

Back Button 93LC76AT-I/MS Datasheet HTML 16Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 17Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 18Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 19Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 20Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 21Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 22Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 23Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796H-page 20
© 2006 Microchip Technology Inc.
8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) – Saw Singulated
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Number of Pins
Pitch
Overall Height
Standoff
Contact Thickness
Overall Length
Overall Width
Exposed Pad Length
Exposed Pad Width
Contact Width
Contact Length §
Contact-to-Exposed Pad §
Units
Dimension Limits
N
e
A
A1
A3
D
E
D2
E2
b
L
K
0.80
0.00
1.30
1.50
0.18
0.30
0.20
8
0.50 BSC
0.90
0.02
0.20 REF
2.00 BSC
3.00 BSC
—
—
0.25
0.40
—
1.00
0.05
1.75
1.90
0.30
0.50
—
MIN
NOM
MAX
MILLIMETERS
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. § Significant Characteristic
4. Package is saw singulated
5. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Microchip Technology Drawing No. C04–123, Sept. 8, 2006
A3
A1
NOTE 2
NOTE 1
NOTE 1
E2
D2
BOTTOM VIEW
EXPOSED PAD
K
L
1
2
N
e
b
TOP VIEW
2
1
N
D
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com