Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76AT-I/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # 93LC76AT-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76AT-I/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93LC76AT-I/MS Datasheet HTML 6Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 7Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 8Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 9Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 10Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 11Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 12Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 13Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796H-page 10
© 2006 Microchip Technology Inc.
2.9
Write All (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
The self-timed auto-erase and programming cycle is
initiated by the rising edge of CLK on the last data bit.
Clocking of the CLK pin is not necessary after the
device has entered the WRAL cycle. The WRAL
command does include an automatic ERAL cycle for
the device. Therefore, the WRAL instruction does not
require an ERAL instruction, but the chip must be in the
EWEN status.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL)..
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 2-7:
WRAL TIMING
Note:
The write sequence requires a logic high
signal on the PE pin prior to the rising
edge of the last data bit.
Note:
After the Write All cycle is complete,
issuing a Start bit and then taking CS low
will clear the Ready/Busy status from DO.
CS
CLK
DI
DO
High-Z
1
00
01
x
•••
x
Dx
•••
D0
High-Z
Busy
Ready
TWL
TCSL
TSV
TCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com