Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76AT-I/MS Datasheet(PDF) 25 Page - Microchip Technology

Part # 93LC76AT-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76AT-I/MS Datasheet(HTML) 25 Page - Microchip Technology

Back Button 93LC76AT-I/MS Datasheet HTML 20Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 21Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 22Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 23Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 24Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 25Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 26Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 27Page - Microchip Technology 93LC76AT-I/MS Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21796H-page 25
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Note 1:
Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured
before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb).
Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes.
Device:
93AA76A: 8K 1.8V Microwire Serial EEPROM (x8)
93AA76B: 8K 1.8V Microwire Serial EEPROM (x16)
93AA76C: 8K 1.8V Microwire Serial EEPROM w/ORG
93LC76A: 8K 2.5V Microwire Serial EEPROM (x8)
93LC76B: 8K 2.5V Microwire Serial EEPROM (x16)
93LC76C: 8K 2.5V Microwire Serial EEPROM w/ORG
93C76A:
8K 5.0V Microwire Serial EEPROM (x8)
93C76B:
8K 5.0V Microwire Serial EEPROM (x16)
93C76C:
8K 5.0V Microwire Serial EEPROM w/ORG
Tape & Reel:
Blank =
Standard pinout
T
=
Tape & Reel
Temperature Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
MS
=
Plastic MSOP (Micro Small outline, 8-lead)
OT
=
SOT-23, 6-lead (Tape & Reel only)
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
TSSOP, 8-lead
MC
=
2x3 DFN, 8-lead
Lead Finish:
Blank =
Pb-free – Matte Tin (see Note 1)
G
=
Pb-free – Matte Tin only
Examples:
a)
93AA76C-I/MS: 8K, 1024x8 or 512x16 Serial
EEPROM, MSOP package, 1.8V
b)
93AA76AT-I/OT: 8K, 1024x8 Serial EEPROM,
SOT-23 package, tape and reel, 1.8V
c)
93AA76CT-I/MS: 8K, 1024x8 or 512x16 Serial
EEPROM, MSOP package, tape and reel, 1.8V
a)
93LC76C-I/MS: 8K, 1024x8 or 512x16 Serial
EEPROM, MSOP package, 2.5V
b)
93LC76BT-I/OT: 8K, 512x16 Serial EEPROM,
SOT-23 package, tape and reel, 2.5V
a)
93C76C-I/MS: 8K, 1024x8 or 512x16 Serial
EEPROM, MSOP package, 5.0V
b)
93C76AT-I/OT: 8K, 1024x8 Serial EEPROM,
SOT-23 package, tape and reel, 5.0V
PART NO.
X
/XX
Package
Temperature
Range
Device
X
Lead Finish
X
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com