Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8351ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices AD8351ARMZ Datasheet HTML 10Page - Analog Devices AD8351ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, T = 25°C, unless otherwise noted.
Figure 4. Gain vs. Frequency for a 150 Ω Differential Load
(AV = 6 dB, 12 dB, and 18 dB)
Figure 5. Gain vs. Gain Resistor, RG (f = 100 MHz,
RL = 150 Ω, 1 kΩ, and Open)
Figure 6. Gain vs. Temperature at 100 MHz (AV = 10 dB
Figure 7. Gain vs. Frequency for a 1 kΩ Differential Load
(AV = 10 dB, 18 dB, and 26 dB)
Figure 8. Gain Flatness vs. Frequency
(RL = 150 Ω and 1 kΩ, AV = 10 dB)
Figure 9. Isolation vs. Frequency (AV = 10 dB)
20
–5
0
5
10
15
1
10
100
1000
10000
FREQUENCY (MHz)
RG = 20Ω
RG = 80Ω
RG = 200Ω
35
30
25
20
15
10
5
0
–10
–5
10
100
1k
10k
RG (Ω)
RL = OPEN
RL = 150Ω
RL = 1kΩ
10.75
9.25
9.50
9.75
10.00
10.25
10.50
10.50
9.00
9.25
9.50
9.75
10.00
10.25
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
30
25
20
0
5
10
15
1
10
100
1000
10000
FREQUENCY (MHz)
RG = 10Ω
RG = 50Ω
RG = 200Ω
1
10
100
1000
FREQUENCY (MHz)
0.8
0.4
0
–0.4
–0.8
–1.0
0.6
0.2
–0.2
–0.6
0.5
0.1
–0.3
–0.7
–0.9
0.7
0.3
–0.1
–0.5
0.9
1.0
RL = 150Ω
RL = 1kΩ
01000
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com