Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8351ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8351ARMZ Datasheet HTML 1Page - Analog Devices AD8351ARMZ Datasheet HTML 2Page - Analog Devices AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Low Distortion
Differential RF/IF Amplifier
Data Sheet
AD8351
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 2.2 GHz for AV = 12 dB
Single resistor programmable gain: 0 dB ≤ AV ≤ 26 dB
Differential interface
Low noise input stage 2.7 nV/√Hz at AV = 10 dB
Low harmonic distortion
−79 dBc second at 70 MHz
−81 dBc third at 70 MHz
OIP3 of 31 dBm at 70 MHz
Single-supply operation: 3 V to 5.5 V
Low power dissipation: 28 mA at 5 V
Adjustable output common-mode voltage
Fast settling and overdrive recovery
Slew rate of 13,000 V/μs
Power-down capability
APPLICATIONS
Differential ADC drivers
Single-ended-to-differential conversion
IF sampling receivers
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD8351 is a low cost differential amplifier useful in RF and
IF applications up to 2.2 GHz. The voltage gain can be set from
unity to 26 dB using a single external gain resistor. The AD8351
provides a nominal 150 Ω differential output impedance. The
excellent distortion performance and low noise characteristics
of this device allow for a wide range of applications.
The AD8351 is designed to satisfy the demanding performance
requirements of communications transceiver applications. The
device can be used as a general-purpose gain block, an ADC
driver, and a high speed data interface driver, among other
functions. The AD8351 can also be used as a single-ended-to-
differential amplifier with similar distortion products as in the
differential configuration. The exceptionally good distortion
performance makes the AD8351 an ideal solution for 12-bit and
14-bit IF sampling receiver designs.
Fabricated in Analog Devices, Inc., high speed XFCB process,
the AD8351 has high bandwidth that provides high frequency
performance and low distortion. The quiescent current of the
AD8351 is 28 mA typically. The AD8351 amplifier comes in a
compact 10-lead MSOP package or in a 16-lead LFCSP package,
and operates over the temperature range of −40°C to +85°C.
VOCM
VPOS
OPHI
OPLO
COMM
PWUP
RGP1
INHI
INLO
RGP2
AD8351
BIAS CELL
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
+
2
3
AD8351 WITH 10dB OF
GAIN DRIVING THE
AD6645 (RL = 1kΩ)
ANALOG INPUT = 70MHz
ENCORE = 80MHz
SNR = 69.1dB
FUND = –1.1dBFS
HD2 = –78.5dBc
HD3 = –80.7dBc
THD = –75.9dBc
SFDR = 78.2dBc
25Ω
RG
200Ω
100nF
25Ω
100nF
AD8351
AD6645
14-BIT
ADC
INHI
INLO


Similar Part No. - AD8351ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
More results

Similar Description - AD8351ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com