Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8351ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices AD8351ARMZ Datasheet HTML 10Page - Analog Devices AD8351ARMZ Datasheet HTML 11Page - Analog Devices AD8351ARMZ Datasheet HTML 12Page - Analog Devices AD8351ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 9 of 19
Figure 16. Output Compression Point, P1 dB, vs. Frequency
(RL = 150 Ω and 1 kΩ, AV = 10 dB, at 3 V and 5 V Supplies)
Figure 17. Output Compression Point, P1 dB, vs. RG (f =100 MHz,
RL = 150 Ω, AV = 10 dB, at 3 V and 5 V Supplies)
Figure 18. Output Compression Point Distribution
(f = 70 MHz, RL = 150 Ω, AV = 10 dB)
Figure 19. Third-Order Intermodulation Distortion vs. Frequency for a 2 V p-p
Composite Signal into RL = 1 kΩ (AV = 10 dB, at 5 V Supplies)
Figure 20. Third-Order Intermodulation Distortion vs. Frequency for a 2 V p-p
Composite Signal into RL = 150 Ω (AV = 10 dB, at 5 V Supplies)
Figure 21. Third-Order Intermodulation Distortion Distribution
(f = 70 MHz, RL = 150 Ω, AV = 10 dB)
16
14
12
10
8
6
4
2
0
0250
200
150
100
50
225
175
125
75
25
FREQUENCY (MHz)
RL = 150Ω
VPOS = 5V
RL = 1kΩ
RL = 150Ω
VPOS = 3V
RL = 1kΩ
16
14
12
10
8
6
4
2
0
10
1000
100
GAIN RESISTOR (Ω)
VPOS = 5V
VPOS = 3V
OUTPUT 1dB COMPRESSION (dB)
–70
–75
–80
–85
–90
–95
0250
200
150
100
50
225
175
125
75
25
FREQUENCY (MHz)
–50
–55
–60
–65
–70
–75
0250
200
150
100
50
225
175
125
75
25
FREQUENCY (MHz)
THIRD-ORDER INTERMODULATION DISTORTION (dBc)
–68.0 –68.2 –68.4 –68.6 –68.8 –69.0 –69.2 –69.4 –69.6
–70.0
–69.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com