Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H/3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8767H/3
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8767H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 9Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 10Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 11Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 12Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 13Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 14Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Feb 16
11
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
Fig.3 Timing diagram.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MBG855
sample N + 2
V
l
DATA
D0 to D11
t d
t h
CPH
t
CPL
t
HIGH
LOW
50 %
HIGH
LOW
50 %
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2
Fig.4 Timing diagram and test conditions of 3-state output delay time.
fOE = 100 kHz.
handbook, full pagewidth
MBH144
50 %
50 %
HIGH
LOW
dZH
t
dHZ
t
50 %
HIGH
LOW
dZL
t
dLZ
t
10 %
90 %
output
data
VCCD
0V
output
data
3.3 k
Ω
15 pF
S1
VCCD
TDA8767
OE
OE
TEST
dLZ
t
dZL
t
dHZ
t
dZH
S1
CCD
V
CCD
V
DGND
DGND
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com