Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H/3 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8767H/3
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/3 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8767H/3 Datasheet HTML 10Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 11Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 12Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 13Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 14Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 15Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 16Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 17Page - NXP Semiconductors TDA8767H/3 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1999 Feb 16
14
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
Fig.7 Application diagram (single input mode).
The analog, digital and output supplies should be separated and decoupled.
(1) At power-up a high level clock must be provided within less than 1
µs or a pull-up resistor must be connected between CLK and VCCD.
(2) R1, and R2 must be determined in order to obtain a voltage of 2.5 V on VI and VI; see Table 1. To ensure a sufficient analog input stability, the
minimum current into these resistors must be about 1 mA.
(3) Vref must be decoupled to VCCA.
handbook, full pagewidth
MBH146
1
2
3
4
5
6
7
8
9
10
11
12
n.c.
n.c.
n.c.
n.c.
13 14 15 16 17 18 19 20 21 22
IR
D11
(MSB)
D10
TDA8767H
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
26
25
24
23
27
D2
D1
D0 (LSB)
5 V
D3
D4
D5
D6
D7
D8
D9
100 nF
CLK(1)
5 V
100 nF
100 nF
100 nF
5 V
Vref
5 V
n.c.
n.c.
n.c.
n.c.
n.c.
100 nF
100 nF
5 V
5 V
SH
mode
VI
VI
n.c.
output format select TC
chip select input OE
100 nF
(3)
(2)
50
Ω
50
Ω
50
Ω
R2
R1
VCCA
4.7
µF
10
nF
220 nF
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com