| Electronic Components Datasheet Search |
|
25LC1024-E/MF Datasheet(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC1024-E/MF Datasheet(HTML) 18 Page - Microchip Technology |
|
18 / 30 page ![]() 25AA1024/25LC1024 DS21836D-page 18 Preliminary © 2007 Microchip Technology Inc. 2.12 RELEASE FROM DEEP POWER- DOWN AND READ ELECTRONIC SIGNATURE Once the device has entered Deep Power-Down mode all instructions are ignored except the release from Deep Power-down and Read Electronic Signa- ture command. This command can also be used when the device is not in Deep Power-down, to read the electronic signature out on the SO pin unless another command is being executed such as Erase, Program or Write STATUS register. Release from Deep Power-Down mode and Read Electronic Signature is entered by driving CS low, followed by the RDID instruction code (Figure 2-12) and then a dummy address of 24 bits (A23-A0). After the last bit of the dummy address is clocked in, the 8-bit Electronic signature is clocked out on the SO pin. After the signature has been read out at least once, the sequence can be terminated by driving CS high. The device will then return to Standby mode and will wait to be selected so it can be given new instructions. If additional clock cycles are sent after the electronic signature has been read once, it will continue to output the signature on the SO line until the sequence is terminated. FIGURE 2-12: RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE Driving CS high after the 8-bit RDID command, but before the Electronic Signature has been transmitted, will still ensure the device will be taken out of Deep Power-Down mode. However, there is a delay TREL that occurs before the device returns to Standby mode (ICCS), as shown in Figure 2-13. FIGURE 2-13: RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE SO SI SCK CS 0 23456789 10 11 29 30 31 32 33 34 35 36 37 38 39 1 01 1 0 1 0 11 23 22 21 20 210 76543210 Instruction 24-bit Address Electronic Signature Out High-Impedance 0 101001 0 Manufacturers ID 0x29 SO SI SCK CS 0 234 567 1 01 1 0 1 0 11 Instruction High-Impedance TREL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |