Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2C Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 47Page - Renesas Technology Corp R8C2C Datasheet HTML 48Page - Renesas Technology Corp R8C2C Datasheet HTML 49Page - Renesas Technology Corp R8C2C Datasheet HTML 50Page - Renesas Technology Corp R8C2C Datasheet HTML 51Page - Renesas Technology Corp R8C2C Datasheet HTML 52Page - Renesas Technology Corp R8C2C Datasheet HTML 53Page - Renesas Technology Corp R8C2C Datasheet HTML 54Page - Renesas Technology Corp R8C2C Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
R8C/2C Group, R8C/2D Group
4. Special Function Registers (SFRs)
Rev.2.00
Dec 05, 2007
Page 30 of 585
REJ09B0339-0200
Table 4.11
SFR Information (11)(1)
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
After input capture mode.
3.
After output compare mode.
Address
Register
Symbol
After reset
0280h
0281h
0282h
0283h
0284h
0285h
0286h
0287h
0288h
0289h
028Ah
028Bh
028Ch
028Dh
028Eh
028Fh
0290h
Timer RF Register
TRF
00h
0291h
00h
0292h
0293h
0294h
0295h
0296h
0297h
0298h
0299h
029Ah
Timer RF Control Register 0
TRFCR0
00h
029Bh
Timer RF Control Register 1
TRFCR1
00h
029Ch
Capture / Compare 0 Register
TRFM0
0000h(2)
029Dh
FFFFh(3)
029Eh
Compare 1 Register
TRFM1
FFh
029Fh
FFh
02A0h
02A1h
02A2h
02A3h
02A4h
02A5h
02A6h
02A7h
02A8h
02A9h
02AAh
02ABh
02ACh
02ADh
02AEh
02AFh
02B0h
02B1h
02B2h
02B3h
02B4h
02B5h
02B6h
02B7h
02B8h
02B9h
02BAh
02BBh
02BCh
02BDh
02BEh
02BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com